Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BS-AU_L0_1001 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # BC847BS-AU_L0_1001
Description  NPN GENERAL PURPOSE DUAL TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BS-AU_L0_1001 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  BC847BS-AU_L0_1001 Datasheet HTML 1Page - Pan Jit International Inc. BC847BS-AU_L0_1001 Datasheet HTML 2Page - Pan Jit International Inc. BC847BS-AU_L0_1001 Datasheet HTML 3Page - Pan Jit International Inc. BC847BS-AU_L0_1001 Datasheet HTML 4Page - Pan Jit International Inc. BC847BS-AU_L0_1001 Datasheet HTML 5Page - Pan Jit International Inc. BC847BS-AU_L0_1001 Datasheet HTML 6Page - Pan Jit International Inc. BC847BS-AU_L0_1001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PAGE . 6
April 3,2013-REV.04
BC847BS-AU
Part No_packing code_Version
BC847BS-AU_R1_000A1
BC847BS-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - BC847BS-AU_L0_1001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BS-13-F DIODES-BC847BS-13-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BS-7 DIODES-BC847BS-7 Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
112Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - BC847BS-AU_L0_1001

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_08 Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_15 Datasheet
164Kb / 3P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC2411D TSC-TSC2411D Datasheet
91Kb / 3P
   General Purpose Dual NPN Transistor
logo
Pan Jit International I...
BC847CSTB6 PANJIT-BC847CSTB6 Datasheet
413Kb / 6P
   DUAL NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
MBT3904DW WEITRON-MBT3904DW Datasheet
244Kb / 7P
   Dual General Purpose Transistor NPNNPN Silicon
logo
ON Semiconductor
BC847BPDXV6 ONSEMI-BC847BPDXV6_13 Datasheet
116Kb / 6P
   NPN/PNP Dual General Purpose Transistor
May, 2013 ??Rev. 2
logo
Pan Jit International I...
MMDT3904TB6 PANJIT-MMDT3904TB6 Datasheet
130Kb / 4P
   DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
ON Semiconductor
EMX2DXV6T5 ONSEMI-EMX2DXV6T5 Datasheet
127Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 2
EMX1DXV6T1 ONSEMI-EMX1DXV6T1 Datasheet
56Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com