Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BPN-AU_BD_0001 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # BC847BPN-AU_BD_0001
Description  DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BPN-AU_BD_0001 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  BC847BPN-AU_BD_0001 Datasheet HTML 1Page - Pan Jit International Inc. BC847BPN-AU_BD_0001 Datasheet HTML 2Page - Pan Jit International Inc. BC847BPN-AU_BD_0001 Datasheet HTML 3Page - Pan Jit International Inc. BC847BPN-AU_BD_0001 Datasheet HTML 4Page - Pan Jit International Inc. BC847BPN-AU_BD_0001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Disclaimer
Reproducing and modifying information of the document is prohibited without
permission from Panjit International Inc..
Panjit International Inc. reserves the rights to make changes of the content herein the
document anytime without notification. Please refer to our website for the latest
document.
Panjit International Inc. disclaims any and all liability arising out of the application or
use of any product including damages incidentally and consequentially occurred.
Panjit International Inc. does not assume any and all implied warranties, including
warranties of fitness for particular purpose, non-infringement and merchantability.
Applications shown on the herein document are examples of standard use and
operation. Customers are responsible in comprehending the suitable use in particular
applications. Panjit International Inc. makes no representation or warranty that such
applications will be suitable for the specified use without further testing or modification.
The products shown herein are not designed and authorized for equipments requiring
high level of reliability or relating to human life and for any applications concerning
life-saving or life-sustaining, such as medical instruments, transportation equipment,
aerospace machinery et cetera. Customers using or selling these products for use in
such applications do so at their own risk and agree to fully indemnify Panjit
International Inc. for any damages resulting from such improper use or sale.
BC847BPN-AU
PAGE .
5
3/5/2009


Similar Part No. - BC847BPN-AU_BD_0001

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC847BPN-Q NEXPERIA-BC847BPN-Q Datasheet
267Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
17 June 2021
More results

Similar Description - BC847BPN-AU_BD_0001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BC847BPN PANJIT-BC847BPN Datasheet
145Kb / 3P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
BC846APN PANJIT-BC846APN Datasheet
138Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
logo
Leshan Radio Company
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
logo
ON Semiconductor
EMF18XV6T5 ONSEMI-EMF18XV6T5 Datasheet
62Kb / 5P
   Dual Transistor ??Power Management NPN/PNP Dual (Complimentary)
October, 2005 ??Rev. 1
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
Solid States Devices, I...
TR0032F SSDI-TR0032F Datasheet
139Kb / 2P
   Complimentary NPN & PNP Transistor
logo
Pan Jit International I...
MMDT3906 PANJIT-MMDT3906 Datasheet
179Kb / 4P
   DUAL SURFACE MOUNT PNP TRANSISTORS
MMDT3904 PANJIT-MMDT3904 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
MMDT2222A PANJIT-MMDT2222A_09 Datasheet
167Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com