Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC250V270 Datasheet(PDF) 1 Page - NTE Electronics

Part No. MSC250V270
Description  MOTOR START AC ELECTROLYTIC
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

MSC250V270 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOR START AC ELECTROLYTIC
MSC SERIES
56
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
The MSC Series is a range of AC electrolytic capacitors.
These capacitors are most often used to provide the
torque necessary to start AC motors and in other intermit-
tent AC applications.
FEATURES:
• Two .250” Quick Connect terminals
• Round moisture and oil resistant plastic case
• 110VAC to 330VAC
• Quick disconnect terminals
• Recessed terminals
• Long life and high reliability
RATINGS
Capacitance Range:
110/125 Volts − 21
µF to 1200µF
220/250 Volts − 21
µF to 324µF
330 Volts − 21
µF to 324µF
PERFORMANCE SPECIFICATIONS
Operating Temperature Range: −40
°C to +65°C
Power Factor: 10% Max.; 12%
≤30µF
Operating Frequency: 47 − 60Hz
MOUNTING
Vertical mounting of the capacitor with the terminals
up is recommended. However, horizontal mounting is
acceptable providing the vent is located in the up posi-
tion. Vertical mounting with the terminals down is not
recommended because the capacitor life may be re-
duced and the operation of the pressure relief vent im-
paired.
CLEANING
Solvent residues on the capacitors after cleaning may
penetrate the seal and cause internal corrosion result-
ing in shortened life. Alcohol or water detergent clean-
ing is not usually harmful but halogenated cleaning
solvents are not recommended and should be
avoided.
SAFETY
Because the watt−second value of these capacitors is
high, precautions should be taken during the testing
of these devices.
Discharge resistors should be specified when there is
a possibility of a residual charge left on the capacitor
or to protect contacts. Mis−application, such as ex-
ceeding design limits or applying continuous AC volt-
age, may result in destruction or explosion of capaci-
tors.
D
H
C
ORDERING INFORMATION
MSC
125V
21
Series
Voltage
Capacitance


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn