Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807-AU_BU_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC807-AU_BU_00001
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC807-AU_BU_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC807-AU_BU_00001 Datasheet HTML 1Page - Pan Jit International Inc. BC807-AU_BU_00001 Datasheet HTML 2Page - Pan Jit International Inc. BC807-AU_BU_00001 Datasheet HTML 3Page - Pan Jit International Inc. BC807-AU_BU_00001 Datasheet HTML 4Page - Pan Jit International Inc. BC807-AU_BU_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
March 1,2011-REV.03
BC807-AU SERIES
ELECTRICAL CHARACTERISTICS(TJ=25oC,unless otherwise notes)
ELECTRICALCHARACTERISTICS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage (IC=-10mA, IB=0)
V(BR)CEO
-45
-
-
V
Collector-Base Breakdown Voltage (VEB=0V, IC=-10μA)
V(BR)CBO
-50
-
-
V
Emitter-Base Breakdown Voltage (IE=-1μA,Ic=0)
V(BR)EBO
-5.0
-
-
V
Emitter-Base Cutoff Current (VEB=-5V)
IEBO
--
-100
nA
Collector-Base Cutoff Current (VCB=-20V,IE=0)
TJ =25OC
TJ=150OC
ICBO
-
-
-
-100
-5.0
nA
μ
A
DC Current Gain
(Ic=-100mA,VCE=-1V)
(Ic=-500mA,VCE=-1V)
hFE
100
160
250
40
-
-
-
-
250
400
600
-
-
Collector-Emitter Saturation Voltage (Ic=-500mA ,IB=-50mA)
VCE(SAT)
--
-0.7
V
Base-Emitte Voltage (Ic=-500mA,VCE=-1.0V)
VBE(ON)
--
-1.2
V
Collector-Base Capacitance (VCB=-10v,IE=0,f=1MHz)
CCBO
-7.0
-
pF
Current Gain-Bandwidth Product (Ic=-10mA,VCE=-5V,f=100MHz)
fT
100
-
-
MHz
BC807-16-AU
BC807-25-AU
BC807-40-AU
Fig
Typical Capacitances
.4
10
100
1000
0.01
0.1
1
10
100
1000
Collector Current I
, C ()
mA
TC
J=25
o
TC
J=150
o
TC
J=100
o
V
CE =1V
1
10
100
0.1
1
10
100
Reverse Voltage V
, R ()
V
CIB()
EB
COB()
EB
10
100
1000
0.01
0.1
1
10
100
1000
Colle ctor Curre nt I
, C ()
mA
TC
J =25
O
TC
J = 150
O
TC
J = 100
O
V
CE =1V
10
100
1000
0.01
0.1
1
10
100
1000
Colle ctor Curre nt I
, C ()
mA
V
CE =1V
Fig. 1. BC807-16-AU Typical hFE vs. Ic
TC
J = 150
O
TC
J =25
O
TC
J = 100
O
Fig. 2. BC807-25-AU Typical hFE vs. Ic
Fig. . BC807-
-AU Typical hFE vs. Ic


Similar Part No. - BC807-AU_BU_00001

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BC807-16 GE-BC807-16 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
NXP Semiconductors
BC807-16 PHILIPS-BC807-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Taiwan Semiconductor Co...
BC807-16 TSC-BC807-16 Datasheet
83Kb / 2P
   0.3 Watts PNP Plastic-Encapsulate Transistors
logo
Allied Components Inter...
BC807-16 ALLIED-BC807-16 Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
331Kb / 3P
   PNP Silicon General Purpose Transistors
More results

Similar Description - BC807-AU_BU_00001

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com