Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSE340 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSE340
Description  High Voltage General Purpose Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE340 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSE340 Datasheet HTML 1Page - Fairchild Semiconductor KSE340 Datasheet HTML 2Page - Fairchild Semiconductor KSE340 Datasheet HTML 3Page - Fairchild Semiconductor KSE340 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A1, December 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Safe Operating Area
Figure 4. Power Derating
1
10
100
1000
1
10
100
1000
V
CE = 2V
I
C[A], COLLECTOR CURRENT
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IC = 10IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
1
10
100
0.01
0.1
1
10
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
4
8
12
16
20
24
28
32
Tc[
o
C], CASE TEMPERATURE


Similar Part No. - KSE340

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
KSE340 FOSHAN-KSE340 Datasheet
882Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
logo
Inchange Semiconductor ...
KSE340 ISC-KSE340 Datasheet
240Kb / 2P
   isc Silicon NPN Power Transistor
KSE340J ISC-KSE340J Datasheet
293Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSE340S FAIRCHILD-KSE340S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
KSE340STU FAIRCHILD-KSE340STU Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
More results

Similar Description - KSE340

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MJE350 FAIRCHILD-MJE350 Datasheet
36Kb / 4P
   High Voltage General Purpose Applications
logo
Diodes Incorporated
KSE350STU DIODES-KSE350STU Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
logo
Fairchild Semiconductor
KSE340S FAIRCHILD-KSE340S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
MJE340 FAIRCHILD-MJE340 Datasheet
37Kb / 4P
   High Voltage General Purpose Applications
KSE350S FAIRCHILD-KSE350S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
KSE350 FAIRCHILD-KSE350 Datasheet
38Kb / 4P
   High Voltage General Purpose Applications
logo
New Jersey Semi-Conduct...
BCY70 NJSEMI-BCY70 Datasheet
106Kb / 3P
   GENERAL PURPOSE APPLICATIONS
logo
Micross Components
HMC338 MICROSS-HMC338 Datasheet
949Kb / 11P
   General Purpose Applications
logo
Fairchild Semiconductor
KSC2001 FAIRCHILD-KSC2001 Datasheet
25Kb / 3P
   General Purpose Applications
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
   HIGH VOLTAGE GENERAL PURPOSE
October 1988
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com