Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC0913 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRFIC0913
Description  900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC0913 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC0913 Datasheet HTML 1Page - Motorola, Inc MRFIC0913 Datasheet HTML 2Page - Motorola, Inc MRFIC0913 Datasheet HTML 3Page - Motorola, Inc MRFIC0913 Datasheet HTML 4Page - Motorola, Inc MRFIC0913 Datasheet HTML 5Page - Motorola, Inc MRFIC0913 Datasheet HTML 6Page - Motorola, Inc MRFIC0913 Datasheet HTML 7Page - Motorola, Inc MRFIC0913 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRFIC0913
2
MOTOROLA RF DEVICE DATA
RECOMMENDED OPERATING RANGES
Parameter
Symbol
Value
Unit
Supply Voltage
VD1, VD2
2.7 to 7.5
Vdc
Gate Voltage
VSS
–5 to –3
Vdc
RF Frequency Range
fRF
800 to 1000
MHz
RF Input Power
PRF
6 to 13
dBm
ELECTRICAL CHARACTERISTICS (VD1, VD2 = 4.8 V, VSS = –4 V, Pin = 10 dBm, Peak Measurement at 12.5% Duty Cycle, 4.6 ms
Period, TA = 25°C unless otherwise noted. Measured in Reference Circuit Shown in Figure 1.)
Characteristic
Min
Typ
Max
Unit
Frequency Range
880
915
MHz
Output Power
34.5
35
dBm
Power Added Efficiency
48
%
Input VSWR
2:1
VSWR
Harmonic Output
2nd
3rd
–30
–35
dBc
Output Power at Low voltage (VD1, VD2 = 4.0 V)
33.3
33.5
dBm
Output Power, Isolation (VD1, VD2 = 0 V)
–20
–15
dBm
Noise Power in 100 kHz, 925 to 960 MHz
–90
dBm
Stability – Spurious Output (Pin = 10 to 13 dBm, Pout = 5 to 35 dBm, Load
VSWR = 6:1 at any Phase Angle, Source VSWR = 3:1, at any Phase Angle,
VD1, VD2 adjusted for Specified Pout)
–60
dBc
Load Mismatch stress (Pin = 10 to 13 dBm, Pout = 5 to 35 dBm, Load VSWR = 10:1
at any Phase Angle, VD1, VD2 Adjusted for Specified Pout)
No Degradation in Output Power after Returning to
Standard Conditions
3 dB VDD Bandwidth (VD1, VD2 = 0 to 6 V)
1
MHz
Negative Supply Current
1.25
mA
Figure 1. 900 MHz Reference Circuit
C2
T1
C3
RF OUT
C5
C6
R1
C8
L1
R3
R4
C9 C10
RF IN
C1, C3, C10 47 pF, ATC
C2, C9
47 nF, Vitramon
C5
10 pF, ATC
C6
22 nF, Vitramon
C8
6.8 pF, ATC
L1
8.2 nH, 0805 Toko
L2
10 Turn MicroSpring,
Coilcraft 1606–10
R1
330
R3
1.8 k
R4
2.7 k
T1
5 mm 30
Ω Microstrip Line
BOARD MATERIAL Glass/Epoxy,
εr = 4.45
L2
C1
VD1
VD2
VSS
1
2
3
4
7
6
5
8
9
10
11
12
13
14
15
16


Similar Part No. - MRFIC0913

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
   SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC0913

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
   900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
   900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
   900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com