Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS30M100SR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30M100SR
Description  100 V, 30 A power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M100SR Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30M100SR Datasheet HTML 1Page - STMicroelectronics STPS30M100SR Datasheet HTML 2Page - STMicroelectronics STPS30M100SR Datasheet HTML 3Page - STMicroelectronics STPS30M100SR Datasheet HTML 4Page - STMicroelectronics STPS30M100SR Datasheet HTML 5Page - STMicroelectronics STPS30M100SR Datasheet HTML 6Page - STMicroelectronics STPS30M100SR Datasheet HTML 7Page - STMicroelectronics STPS30M100SR Datasheet HTML 8Page - STMicroelectronics STPS30M100SR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS30M100S
4/10
Doc ID 15523 Rev 3
Figure 8.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (TO-220FPAB)
Figure 9.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
0
50
100
150
200
1.E-03
1.E-02
1.E-01
1.E+00
Tc=25°C
Tc=75°C
Tc=125°C
IM
t
δ =0.5
IM(A)
t(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
tp(s)
Zth(j-c)/Rth(j-c)
Figure 10.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 11.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 12.
Forward voltage drop versus
forward current (high level)
Figure 13.
Forward voltage drop versus
forward current (low level)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
10
2030
4050
6070
8090
100
IR(mA)
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
VR(V)
100
1000
10000
1
10
100
F=1M H z
Vosc=30m V
Tj=25°C
C(pF)
VR (V)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IFM(A)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)
0
5
10
15
20
25
30
0.0
0.2
0.4
0.6
0.8
1.0
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
V
(V)
FM
IFM(A)


Similar Part No. - STPS30M100SR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
   100 V, 30 A power Schottky rectifier
More results

Similar Description - STPS30M100SR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
   100 V, 30 A power Schottky rectifier
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
   100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
logo
ON Semiconductor
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
logo
STMicroelectronics
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
   100 V, 1 A power Schottky rectifier
October 2019
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
   100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
   100 V, 2 A power Schottky rectifier
October 2019
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
   5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS1230SF STMICROELECTRONICS-STPS1230SF Datasheet
322Kb / 9P
   30 V power Schottky rectifier
DS12695 - Rev 1 - July 2018
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
   100 V - 2 A power Schottky trench rectifier
Rev 1 - December 2022
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
   100 V - 5 A power Schottky trench rectifier
Rev 1 - January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com