Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD70N10F4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD70N10F4
Description  N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD70N10F4 Datasheet(HTML) 4 Page - STMicroelectronics

  STD70N10F4 Datasheet HTML 1Page - STMicroelectronics STD70N10F4 Datasheet HTML 2Page - STMicroelectronics STD70N10F4 Datasheet HTML 3Page - STMicroelectronics STD70N10F4 Datasheet HTML 4Page - STMicroelectronics STD70N10F4 Datasheet HTML 5Page - STMicroelectronics STD70N10F4 Datasheet HTML 6Page - STMicroelectronics STD70N10F4 Datasheet HTML 7Page - STMicroelectronics STD70N10F4 Datasheet HTML 8Page - STMicroelectronics STD70N10F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STB/D/P/W70N10F4
4/18
Doc ID 15207 Rev 3
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown voltage
ID = 250 µA, VGS = 0
100
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = max rating
1
µA
VDS = max rating,TC=125 °C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 30 A
0.015
0.0195
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
5800
-
pF
Coss
Output capacitance
300
pF
Crss
Reverse transfer
capacitance
190
pF
Qg
Total gate charge
VDD = 80 V, ID = 65 A,
VGS = 10 V
(see Figure 16)
85
nC
Qgs
Gate-source charge
-
20
-
nC
Qgd
Gate-drain charge
25
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 50 V, ID = 30 A
RG =4.7 Ω VGS = 10 V
(see Figure 15)
-
30
20
-
ns
ns
td(off)
tf
Turn-off-delay time
Fall time
VDD = 50 V, ID = 30 A,
RG =4.7 Ω, VGS = 10 V
(see Figure 15)
-
65
20
-
ns
ns


Similar Part No. - STD70N10F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
logo
VBsemi Electronics Co.,...
STD70N02L VBSEMI-STD70N02L Datasheet
902Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
logo
STMicroelectronics
STD70N02L-1 STMICROELECTRONICS-STD70N02L-1 Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L-1 STMICROELECTRONICS-STD70N02L-1 Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
More results

Similar Description - STD70N10F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
   N-channel 100 V, 0.0068 廓 typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
   N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
January 2009
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
   N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
January 2009
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
   N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
   P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
   N-channel 100 V, 8 m廓 typ., 120 A, STripFET??DeepGATE?? Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STB185N10F3 STMICROELECTRONICS-STB185N10F3 Datasheet
255Kb / 12P
   N-channel 100 V, 4.0 m廓, 120 A, D2PAK, TO-220 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com