Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21062CS-160 Datasheet(PDF) 2 Page - Analog Devices

Part # ADSP-21062CS-160
Description  SHARC Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21062CS-160 Datasheet(HTML) 2 Page - Analog Devices

  ADSP-21062CS-160 Datasheet HTML 1Page - Analog Devices ADSP-21062CS-160 Datasheet HTML 2Page - Analog Devices ADSP-21062CS-160 Datasheet HTML 3Page - Analog Devices ADSP-21062CS-160 Datasheet HTML 4Page - Analog Devices ADSP-21062CS-160 Datasheet HTML 5Page - Analog Devices ADSP-21062CS-160 Datasheet HTML 6Page - Analog Devices ADSP-21062CS-160 Datasheet HTML 7Page - Analog Devices ADSP-21062CS-160 Datasheet HTML 8Page - Analog Devices ADSP-21062CS-160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
Rev. F
|
Page 2 of 64
|
March 2008
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
PROCESSOR FEATURES (Continued)
The processor family provides a variety of features. For a com-
parison across family members, see Table 1.
PARALLEL COMPUTATIONS
Single-cycle multiply and ALU operations in parallel with
dual memory read/writes and instruction fetch
Multiply with add and subtract for accelerated FFT butterfly
computation
UP TO 4M BIT ON-CHIP SRAM
Dual-ported for independent access by core processor and
DMA
OFF-CHIP MEMORY INTERFACING
4 gigawords addressable
Programmable wait state generation, page-mode DRAM
support
DMA CONTROLLER
10 DMA channels for transfers between ADSP-2106x internal
memory and external memory, external peripherals, host
processor, serial ports, or link ports
Background DMA transfers at up to 40 MHz, in parallel with
full-speed processor execution
HOST PROCESSOR INTERFACE TO 16- AND 32-BIT
MICROPROCESSORS
Host can directly read/write ADSP-2106x internal memory
and IOP registers
MULTIPROCESSING
Glueless connection for scalable DSP multiprocessing
architecture
Distributed on-chip bus arbitration for parallel bus connect
of up to six ADSP-2106xs plus host
6 link ports for point-to-point connectivity and array
multiprocessing
240 MBps transfer rate over parallel bus
240 MBps transfer rate over link ports
SERIAL PORTS
Two 40 Mbps synchronous serial ports with companding
hardware
Independent transmit and receive functions
Table 1. ADSP-2106x SHARC Processor Family Features
Feature
ADSP-21060
ADSP-21062
ADSP-21060L
ADSP-21062L
ADSP-21060C
ADSP-21060LC
SRAM
4M bits
2M bits
4M bits
2M bits
4M bits
4M bits
Operating
Voltage
5 V
5 V
3.3 V
3.3 V
5 V
3.3 V
Instruction
Rate
33 MHz
40 MHz
33 MHz
40 MHz
33 MHz
40 MHz
33 MHz
40 MHz
33 MHz
40 MHz
33 MHz
40 MHz
Package
MQFP_PQ4
PBGA
MQFP_PQ4
PBGA
MQFP_PQ4
PBGA
MQFP_PQ4
PBGA
CQFP
CQFP


Similar Part No. - ADSP-21062CS-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21062CS-160 AD-ADSP-21062CS-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062CS-160 AD-ADSP-21062CS-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results

Similar Description - ADSP-21062CS-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com