Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78M05AC Datasheet(PDF) 5 Page - STMicroelectronics

Part # L78M05AC
Description  Precision 500 mA regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M05AC Datasheet(HTML) 5 Page - STMicroelectronics

  L78M05AC Datasheet HTML 1Page - STMicroelectronics L78M05AC Datasheet HTML 2Page - STMicroelectronics L78M05AC Datasheet HTML 3Page - STMicroelectronics L78M05AC Datasheet HTML 4Page - STMicroelectronics L78M05AC Datasheet HTML 5Page - STMicroelectronics L78M05AC Datasheet HTML 6Page - STMicroelectronics L78M05AC Datasheet HTML 7Page - STMicroelectronics L78M05AC Datasheet HTML 8Page - STMicroelectronics L78M05AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
L78MxxAB, L78MxxAC
Maximum ratings
Doc ID 2147 Rev 13
5/31
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
for VO = 5 to 18 V
35
V
for VO = 20, 24 V
40
IO
Output current
Internally limited
mA
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L78M00AC
0 to 125
°C
for L78M00AB
-40 to 125
Table 3.
Thermal data
Symbol
Parameter
TO-220
DPAK
Unit
RthJC
Thermal resistance junction-case
5
8
°C/W
RthJA
Thermal resistance junction-ambient
50
100
°C/W
Figure 4.
Application circuit


Similar Part No. - L78M05AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M05AC STMICROELECTRONICS-L78M05AC Datasheet
873Kb / 29P
   Precision 500 mA regulators
L78M05AC STMICROELECTRONICS-L78M05AC Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M05AC STMICROELECTRONICS-L78M05AC Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M05AC STMICROELECTRONICS-L78M05AC Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M05AC STMICROELECTRONICS-L78M05AC Datasheet
650Kb / 31P
   Precision 500 mA regulators
More results

Similar Description - L78M05AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M05ACDT-TR STMICROELECTRONICS-L78M05ACDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M STMICROELECTRONICS-L78M Datasheet
1Mb / 47P
   Precision 500 mA regulators
March 2017 Rev 21
L78M05AB STMICROELECTRONICS-L78M05AB_11 Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M10ABDT-TR STMICROELECTRONICS-L78M10ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M08ABDT-TR STMICROELECTRONICS-L78M08ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
May 2012 Rev 13
L78M12ABDT-TR STMICROELECTRONICS-L78M12ABDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M STMICROELECTRONICS-L78M_V01 Datasheet
1Mb / 45P
   Precision 500 mA regulators
Rev 24 - September 2020
CD00000448 STMICROELECTRONICS-CD00000448 Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78MXXAB STMICROELECTRONICS-L78MXXAB Datasheet
873Kb / 29P
   Precision 500 mA regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com