Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7120KP80 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7120KP80
Description  CMOS 80 MHz, Triple 8-Bit Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7120KP80 Datasheet(HTML) 4 Page - Analog Devices

  ADV7120KP80 Datasheet HTML 1Page - Analog Devices ADV7120KP80 Datasheet HTML 2Page - Analog Devices ADV7120KP80 Datasheet HTML 3Page - Analog Devices ADV7120KP80 Datasheet HTML 4Page - Analog Devices ADV7120KP80 Datasheet HTML 5Page - Analog Devices ADV7120KP80 Datasheet HTML 6Page - Analog Devices ADV7120KP80 Datasheet HTML 7Page - Analog Devices ADV7120KP80 Datasheet HTML 8Page - Analog Devices ADV7120KP80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADV7120
REV. B
–4–
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Power Supply
VAA
4.75
5.00
5.25
Volts
Ambient Operating
Temperature
TA
0
+70
°C
Output Load
RL
37.5
Reference Voltage
VREF
1.14
1.235
1.26
Volts
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADV7120 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
VAA to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Voltage on Any Digital Pin . . . . . GND –0.5 V to VAA +0.5 V
Ambient Operating Temperature (TA) . . . . . . . . 0
°C to +70°C
Storage Temperature (TS) . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . +150
°C
Soldering Temperature (10 secs) . . . . . . . . . . . . . . . . . . 300
°C
Vapor Phase Soldering (1 minute) . . . . . . . . . . . . . . . . . 220
°C
IOR, IOB, IOG, ISYNC to GND
2
. . . . . . . . . . . . . . 0 V to VAA
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Analog Output Short Circuit to any Power Supply or Common can be of an
indefinite duration.
ORDERING GUIDE
Temperature
Package
Model
Speed
Range
1
Option
2
ADV7120KN80
80 MHz
0
°C to +70°C
N-40A
ADV7120KN50
50 MHz
0
°C to +70°C
N-40A
ADV7120KN30
30 MHz
0
°C to +70°C
N-40A
ADV7120KP80
80 MHz
0
°C to +70°C
P-44A
ADV7120KP50
50 MHz
0
°C to +70°C
P-44A
ADV7120KP30
30 MHz
0
°C to +70°C
P-44A
ADV7120KST50
50 MHz
0
°C to +70°C
ST-48
ADV7120KST30
30 MHz
0
°C to +70°C
ST-48
NOTES
1Industrial temperature range (–40
°C to +85°C) version available to special
request. Please consult your local Analog Device representative.
2N = Plastic DIP; P = Plastic Leaded Chip Carrier.
PIN CONFIGURATIONS
DIP
G6
V
AA
GND
V
AA
GND
R4
R5
R3
R2
G0
G1
G2
FS ADJUST
V
REF
COMP
R6
R7
R1
R0
G3
IOR
G4
IOG
G5
I
SYNC
G7
IOB
GND
B0
CLOCK
B1
REF WHITE
B6
B2
B7
B4
B5
13
30
1
2
40
39
5
6
7
36
35
34
3
4
38
37
833
932
10
31
11
11
12
29
28
14
27
15
26
16
25
17
24
18
23
19
22
20
21
TOP VIEW
(Not to Scale)
ADV7120
B3
BLANK
SYNC
NOTE
For the ADV7120 in TQFP package: The REF WHITE pin is not available.
The ISYNC pin is not available and is internally connected to the IOG pin.
TQFP
IOR
IOG
VAA
IOB
CLOCK
VAA
G0
G1
G4
G5
G6
G2
G3
FS ADJUST
VREF
COMP
GND
GND
VAA
G7
44
2
6
4
5
18
1
35
34
33
37
36
3
7
8
11
12
13
9
10
20
39
21
24
23
22
38
40
41
42
25
28
27
26
43
31
30
29
32
15 16 17
14
TOP VIEW
(Not to Scale)
ADV7120
BLANK
SYNC
48 47 46 45
19
GND
NC
NC = NO CONNECT
PLCC
IOR
IOG
VAA
VAA
IOB
ISYNC
VAA
G0
G1
G4
G5
G6
G2
G3
GND
GND
GND
GND
VAA
G7
44
1
2
6
4
5
21
24
23
22
18
20
19
39
38
35
34
33
37
36
3
7
8
11
12
13
9
10
40
41
42
25
28
27
26
43
31
30
29
32
15
16
17
14
TOP VIEW
(Not to Scale)
ADV7120
BLANK
SYNC


Similar Part No. - ADV7120KP80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7120KP80 AD-ADV7120KP80 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

Similar Description - ADV7120KP80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com