Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSE13003 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KSE13003
Description  High Voltage Switch Mode Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

KSE13003 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, December 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Switching Time
Figure 5. Safe Operating Area
Figure 6. Power Derating
012
345
0.0
0.4
0.8
1.2
1.6
2.0
I
B = 0mA
I
B = 100mA
I
B
= 150mA
I
B = 200mA
I
B = 50mA
I
B = 250mA
I
B = 300mA
I
B
= 400mA
I
B = 450mA
I
B = 500mA
I
B = 350mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
0.1
1
10
100
V
CE = 2V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
I
C
= 4 I
B
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.1
1
0.01
0.1
1
10
t
STG
t
F
I
C[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
I
CMAX. (pulse)
I
C MAX. (DC)
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
255075
100
125
150
175
0
5
10
15
20
25
30
T
C[
o
C], CASE TEMPERATURE


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FJA13009High Voltage Switch Mode Applications 1 2 3 4 5 Fairchild Semiconductor
KSE13003THigh Voltage Switch Mode Applications 1 2 3 4 Fairchild Semiconductor
FJA13009High Voltage Switch Mode Applications 1 2 3 4 5 Fairchild Semiconductor
KSE13009LHigh Voltage Switch Mode Applications 1 2 3 4 Fairchild Semiconductor
FJE3303High Voltage Switch Mode Applications 1 2 3 4 5 MoreFairchild Semiconductor
FJPF3305High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
LM5000High Voltage Switch Mode Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
FJP13007High Voltage Switch Mode Application 1 2 3 4 5 MoreFairchild Semiconductor
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP3305High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn