Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9952YSVZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9952YSVZ
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9952YSVZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9952YSVZ Datasheet HTML 2Page - Analog Devices AD9952YSVZ Datasheet HTML 3Page - Analog Devices AD9952YSVZ Datasheet HTML 4Page - Analog Devices AD9952YSVZ Datasheet HTML 5Page - Analog Devices AD9952YSVZ Datasheet HTML 6Page - Analog Devices AD9952YSVZ Datasheet HTML 7Page - Analog Devices AD9952YSVZ Datasheet HTML 8Page - Analog Devices AD9952YSVZ Datasheet HTML 9Page - Analog Devices AD9952YSVZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD9952
Rev. B | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Maximum Junction Temperature
150°C
DVDD_I/O
4 V
AVDD, DVDD
2 V
Digital Input Voltage (DVDD_I/O = 3.3 V)
–0.7 V to +5.25 V
Digital Input Voltage (DVDD_I/O = 1.8 V)
–0.7 V to +2.2 V
Digital Output Current
5 mA
Storage Temperature Range
–65°C to +150°C
Operating Temperature Range
–40°C to +105°C
Lead Temperature (10 sec Soldering)
300°C
θ
JA
38°C/W
θ
JC
15°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9952YSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9952YSV AD-AD9952YSV Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSV-REEL7 AD-AD9952YSV-REEL7 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
More results

Similar Description - AD9952YSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954 Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com