Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9226AST Datasheet(PDF) 10 Page - Analog Devices

Part # AD9226AST
Description  Complete 12-Bit, 65 MSPS ADC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226AST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9226AST Datasheet HTML 6Page - Analog Devices AD9226AST Datasheet HTML 7Page - Analog Devices AD9226AST Datasheet HTML 8Page - Analog Devices AD9226AST Datasheet HTML 9Page - Analog Devices AD9226AST Datasheet HTML 10Page - Analog Devices AD9226AST Datasheet HTML 11Page - Analog Devices AD9226AST Datasheet HTML 12Page - Analog Devices AD9226AST Datasheet HTML 13Page - Analog Devices AD9226AST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. B
AD9226
–10–
FREQUENCY – MHz
45
1
1000
100
10
50
55
60
65
75
70
7.3
8.1
8.9
9.8
10.6
11.4
12.2
2V SPAN, DIFFERENTIAL
1V SPAN,
DIFFERENTIAL
2V SPAN, SINGLE-ENDED
1V SPAN,
SINGLE-ENDED
TPC 7. SINAD/ENOB vs. Frequency
FREQUENCY – MHz
1
1000
100
10
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
2V SPAN,
DIFFERENTIAL
1V SPAN,
DIFFERENTIAL
1V SPAN,
SINGLE-ENDED
2V SPAN, SINGLE-ENDED
TPC 8. THD vs. Frequency
FREQUENCY – MHz
1
1000
100
10
62
64
66
72
70
68
+85 C
+25 C
–40 C
TPC 9. SNR vs. Temperature and Frequency
FREQUENCY – MHz
61
1
1000
100
10
62
64
66
68
71
70
69
67
65
63
2V SPAN, DIFFERENTIAL
1V SPAN,
DIFFERENTIAL
1V SPAN,
SINGLE-ENDED
2V SPAN, SINGLE-ENDED
TPC 10. SNR vs. Frequency
FREQUENCY – MHz
45
1
1000
100
10
50
60
70
80
95
90
85
75
65
55
2V SPAN,
DIFFERENTIAL
1V SPAN,
DIFFERENTIAL
1V SPAN,
SINGLE-ENDED
2V SPAN, SINGLE-ENDED
TPC 11. SFDR vs. Frequency
–72
–74
–76
–78
–80
–82
–84
–86
–88
–90
–70
FREQUENCY – MHz
1
100
10
+85 C
+25 C
–40 C
TPC 12. THD vs. Temperature and Frequency


Similar Part No. - AD9226AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9226AST AD-AD9226AST Datasheet
1Mb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. 0
AD9226AST AD-AD9226AST Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226AST AD-AD9226AST Datasheet
1,018Kb / 29P
   ADC Converter
More results

Similar Description - AD9226AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9226 AD-AD9226_15 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226 AD-AD9226 Datasheet
1Mb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. 0
AD9226 AD-AD9226_01 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com