Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7376ARWZ50 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7376ARWZ50
Description  128-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARWZ50 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7376ARWZ50 Datasheet HTML 12Page - Analog Devices AD7376ARWZ50 Datasheet HTML 13Page - Analog Devices AD7376ARWZ50 Datasheet HTML 14Page - Analog Devices AD7376ARWZ50 Datasheet HTML 15Page - Analog Devices AD7376ARWZ50 Datasheet HTML 16Page - Analog Devices AD7376ARWZ50 Datasheet HTML 17Page - Analog Devices AD7376ARWZ50 Datasheet HTML 18Page - Analog Devices AD7376ARWZ50 Datasheet HTML 19Page - Analog Devices AD7376ARWZ50 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7376
Rev. D | Page 16 of 20
APPLICATIONS INFORMATION
HIGH VOLTAGE DAC
The AD7376 can be configured as a high voltage DAC as high
as 30 V. The circuit is shown in Figure 32. The output is


 
1
2
1
V
2
.
1
128
)
(
R
R
D
D
V
O
(5)
Where D is the decimal code from 0 to 127.
AD7376
U2
AD8512
V+
V–
AD8512
VOUT
VDD
U1B
VDD
RBIAS
ADR512
D1
R2
R1
B
100kΩ
U1A
Figure 32. High Voltage DAC
PROGRAMMABLE POWER SUPPLY
With a boost regulator such as ADP1611, AD7376 can be used
as the variable resistor at the regulator’s FB pin to provide the
programmable power supply (see Figure 33). The output is
2
128
1
V
23
.
1
R
R
D
V
AB
O
(6)
Note that the AD7376’s VDD is derived from the output. Initially
L1 acts as a short, and VDD is one diode voltage drop below +5 V.
The output slowly establishes to the final value.
The AD7376 shutdown sleep-mode programming can be used
to program a desirable preset level at power-up.
AD7376
ADP1611
1.23V
CC
150pF
RC
220kΩ
COUT
10µF
VOUT
D1
L1
4.7µF
IN
GND
SS
FB
RT
SW
COMP
U2
C1
0.1µF
VDD
R1
100kΩ
A
W
B
CIN
10µF
5V
R2
8.5kΩ
CSS
22nF
U1
SD
Figure 33. Programmable Power Supply


Similar Part No. - AD7376ARWZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376AR10 AD-AD7376AR10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR100 AD-AD7376AR100 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR1M AD-AD7376AR1M Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR50 AD-AD7376AR50 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU10 AD-AD7376ARU10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
More results

Similar Description - AD7376ARWZ50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com