Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSD73 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSD73
Description  Low Frequency High Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD73 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSD73 Datasheet HTML 1Page - Fairchild Semiconductor KSD73 Datasheet HTML 2Page - Fairchild Semiconductor KSD73 Datasheet HTML 3Page - Fairchild Semiconductor KSD73 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
5
A
PC
Collector Dissipation (TC=25°C)
30
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 1mA, IE = 0
100
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 20mA, IB = 0
60
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
5
V
ICBO
Collector Cut-off Current
VCB = 100V, IE = 0
5
mA
hFE
DC Current Gain
VCE = 10V, IC = 1.0A
70
240
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 5A, IB = 0.5A
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 5A, IB = 0.5A
1.5
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.3A
20
MHz
VBE(on)
Base-Emitter ON Voltage
VCE = 10V, IE = 1.0A
0.75
V
Classification
O
Y
hFE
70 ~ 140
120 ~ 240
KSD73
Low Frequency High Power Amplifier
• Collector-Base Voltage : VCBO = 100V
• Collector Current : IC = 5A
• Collector Dissipation : PC = 30W (TC=25°C)
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - KSD73

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD73 FAIRCHILD-KSD73 Datasheet
48Kb / 4P
   Low Frequency High Power Amplifier
KSD73Y FAIRCHILD-KSD73Y Datasheet
48Kb / 4P
   Low Frequency High Power Amplifier
KSD73YTU FAIRCHILD-KSD73YTU Datasheet
48Kb / 4P
   Low Frequency High Power Amplifier
More results

Similar Description - KSD73

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD73YTU FAIRCHILD-KSD73YTU Datasheet
48Kb / 4P
   Low Frequency High Power Amplifier
KSD73Y FAIRCHILD-KSD73Y Datasheet
48Kb / 4P
   Low Frequency High Power Amplifier
KSD288Y FAIRCHILD-KSD288Y Datasheet
50Kb / 4P
   Power Regulator Low Frequency High Power Amplifier
KSD288 FAIRCHILD-KSD288 Datasheet
42Kb / 4P
   Power Regulator Low Frequency High Power Amplifier
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com