Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662ARJ-1REEL7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5662ARJ-1REEL7
Description  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1REEL7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5662ARJ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 9Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 10Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 11Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 12Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 13Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 14Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 15Page - Analog Devices AD5662ARJ-1REEL7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5662
Rev. A | Page 12 of 24
1
Y AXIS = 2
μV/DIV
X AXIS = 4s/DIV
VDD = VREF = 5V
TA = 25°C
DAC LOADED WITH MIDSCALE
Hz
–20
–50
–80
–30
–40
–60
–70
–90
–100
2k
4k
6k
8k
10k
VDD = 5V
TA = 25°C
DAC LOADED WITH FULL SCALE
VREF = 2V ± 0.3Vp-p
Figure 30. 0.1 Hz to 10 Hz Output Noise Plot
Figure 28. Total Harmonic Distortion
CAPACITANCE (nF)
16
14
12
10
8
6
4
01
2
3
4
5
67
9
81
FREQUENCY (Hz)
800
600
700
400
500
100
200
300
0
10
100k
10k
1k
100
1M
VDD = VREF = 5V
TA = 25°C
0
VREF = VDD
TA = 25°C
VDD = 5V
VDD = 3V
Figure 31. Noise Spectral Density
Figure 29. Settling Time vs. Capacitive Load


Similar Part No. - AD5662ARJ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Similar Description - AD5662ARJ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com