Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662ARJ-1500RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5662ARJ-1500RL7
Description  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1500RL7 Datasheet(HTML) 4 Page - Analog Devices

  AD5662ARJ-1500RL7 Datasheet HTML 1Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 2Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 3Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 4Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 5Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 6Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 7Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 8Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5662
Rev. A | Page 4 of 24
A Grade
B Grade
Y Version1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
5.5
2.7
5.5
V
All digital inputs at 0 V or VDD
IDD (Normal Mode)
DAC active and excluding load current
VDD = 4.5 V to 5.5 V
150
250
150
250
μA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
140
225
140
225
μA
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD = 4.5 V to 5.5 V
0.48
1
0.48
1
μA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
0.1
0.375
0.1
0.375
μA
VIH = VDD and VIL = GND
POWER EFFICIENCY
IOUT/IDD
90
90
%
ILOAD = 2 mA. VDD = 5 V
1 Temperature range is as follows: Y version: −40°C to +125°C, typical at +25°C.
2 DC specifications tested with the outputs unloaded, unless otherwise stated. Linearity calculated using a reduced code range of 512 to 65024.
3 Guaranteed by design and characterization; not production tested.
4 Output unloaded.
5 Reference input range at ambient where ±1 LSB max DNL specification is achievable.


Similar Part No. - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Similar Description - AD5662ARJ-1500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com