Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1941T Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB1941T
Description  For Digital Cameras Constant Current Forward/Reverse Driver IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1941T Datasheet(HTML) 2 Page - ON Semiconductor

  LB1941T Datasheet HTML 1Page - ON Semiconductor LB1941T Datasheet HTML 2Page - ON Semiconductor LB1941T Datasheet HTML 3Page - ON Semiconductor LB1941T Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1941T
No.7193-2/4
Allowable Operating Range
at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Function-guaranteed voltage
range
VOPR
2.5 to 10
V
Constant-current set range
IOUT
Set with RFG-GND resistance
50 to 500
mA
Input low level voltage
VIL
IN1, IN2
-0.3 to +0.5
V
Input high level voltage
VIH
IN1, IN2
2.0 to 10
V
Electrical Characteristics
at Ta
= 25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby Current dissipation
ISTB
VCC = 8.5V
1.0
μA
Constant-current H bridge drive circuit
VO(sat)1
VCC = 3V, IO = 200mA (Upper + Lower side)
0.20
0.35
V
Output saturation voltage
VO(sat)2
VCC = 4V, IO = 400mA (Upper + Lower side)
0.50
0.70
V
Output constant current
IOUT
VCC = 4V, RL = 3Ω, RF = 0.5Ω
375
400
424
mA
Temperature dependence of
output constant current
(reference Ta = 25°C)
ΔIO
VCC = 4V, RL = 3Ω, RF = 0.5Ω *
(Ta = –10 to +60°C)
-2
+2
%
Operating current dissipation
ICC
VCC = 4V, RL = 0Ω, (No load, full drive)
14
21
mA
Thermal protection operating
temperature
TSD
Design target value *
150
180
210
°C
Control input circuit
IIH
VIH = 5.5V, VCC = 5.5V
80
100
μA
Control pin maximum input
current
IIL
VIL = GND
-1
0
μA
Note*: These items are design target values and are not tested.
Package Dimensions
unit : mm (typ)
3245B
SANYO : MSOP8(150mil)
3.0
12
8
0.25
0.65
(0.53)
0.125
020
--20
40
60
100
80
0
100
300
200
500
400
ILB01541
Pd max - Ta
192
Ambient temperature, Ta -
°C
Specified board
Mounted on a board:
114.3mm
×76.1mm×1.6mm glass epoxy resin


Similar Part No. - LB1941T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1941T SANYO-LB1941T Datasheet
88Kb / 4P
   For Digital Cameras Constant Current Forward/Reverse Driver IC
More results

Similar Description - LB1941T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1941T SANYO-LB1941T Datasheet
88Kb / 4P
   For Digital Cameras Constant Current Forward/Reverse Driver IC
LB1941 SANYO-LB1941 Datasheet
36Kb / 4P
   Constant Current Forward/Reverse Driver IC for Digital Cameras
LB1941GP SANYO-LB1941GP_10 Datasheet
207Kb / 4P
   For Digital Cameras Constant Current Forward/Reverse Driver
LB1941GP SANYO-LB1941GP Datasheet
109Kb / 4P
   Monolithic Linear IC For Digital Cameras Constant Current Forward/Reverse Driver
LB1931T SANYO-LB1931T Datasheet
38Kb / 4P
   Constant Current Solenoid Driver IC for Digital Cameras
LB1947VC SANYO-LB1947VC Datasheet
139Kb / 11P
   Monolithic Digital IC PWM Current Control Type Forward/Reverse Motor Driver
LB8655T SANYO-LB8655T Datasheet
58Kb / 5P
   Monolithic Digital IC Driver for Digital Still Cameras
LB8652T SANYO-LB8652T Datasheet
96Kb / 8P
   Monolithic Digital IC Driver for Digital Still Cameras
LV8099CT SANYO-LV8099CT Datasheet
215Kb / 9P
   For VCMs Constant-current Driver IC
LV8498CT SANYO-LV8498CT Datasheet
164Kb / 8P
   For VCMs Constant-current Driver IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com