Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1-DC5V-F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ST1-DC5V-F
Description  1a1b/2a 8A polarized power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ST1-DC5V-F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ST1-DC5V-F Datasheet HTML 1Page - Panasonic Semiconductor ST1-DC5V-F Datasheet HTML 2Page - Panasonic Semiconductor ST1-DC5V-F Datasheet HTML 3Page - Panasonic Semiconductor ST1-DC5V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
ST
ASCTB210E 201202-T
DIMENSIONS (mm inch)
SAFETY STANDARDS
NOTES
For Cautions for Use.
UL/C-UL (Recognized)
CSA (Certified)
VDE (Certified)
TV rating (UL/CSA)
SEV
File No.
Contact rating
File No.
Contact rating
File No.
Contact rating
File No.
Rating
File No.
Contact rating
E43028
8A 250V AC
1
/4HP 125, 250V AC
5A 30V DC
LR26550
etc.
8A 250V AC
1
/4HP 125, 250V AC
5A 30V DC
1017
8A 250V AC (cos
φ=1.0)
4A 250V AC (cos
φ=0.4)
5A 30V DC
UL: E43028
CSA: LR26550
98-1 10289
8A 380V AC
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
General tolerance:
±0.5 ±.020
31.0
11.0
7.62
7.62
10.16
10.16
14
0.3
3.5 .138
1.0
1.0
.039
.039
0.6 dia. .024 dia.
0.3 .012
85
4
3
2
1
7
6
1.0
.039
0.5
.020
.300
.300
.400
1.220
.400
.551
.433
.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
2 coil latching
types only.
8-1.4 dia.
2.54
2.54
.100
.100
8-.055 dia.
Schematic (Bottom view)
Single side stable
2 coil latching
1 Form A 1 Form B
2 Form A
1 Form A 1 Form B
2 Form A
14
5
6
7
8
–+
14
5
6
7
8
–+
12
5
6
7
8
–+
34
+–
12
–+
34
+–
5
6
7
8
(Deenergized condition)
(Reset condition)
CAD Data
1. PC board patterns for 2 coil latching
types
When applying relays in power supply
operation circuits for finished products
regulated by the Electrical Appliance and
Material Safety Law, use the pattern
shown below.
2. Soldering should be done under the
following conditions:
1)
250
°C 482°F within 10s
300
°C 572°F within 5s
350
°C 662°F within 3s
2) For automatic cleaning, the boiling
method is recommended. Avoid
ultrasonic cleaning which subjects the
relays to high frequency vibrations, which
may cause the contacts to stick.
It is recommended that a fluorinated
hydrocarbon or other alcoholic solvents
be used.
3. When using, please be aware that
the a contact and b contact sides of 1
Form A and 1 Form B types may go on
simultaneously at operate time and
release time.
1
Terminal No.
2
3
4


Similar Part No. - ST1-DC5V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ST1-DC5V NAIS-ST1-DC5V Datasheet
92Kb / 3P
   IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING
More results

Similar Description - ST1-DC5V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com