Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKT1AF-24V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # LKT1AF-24V
Description  Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LKT1AF-24V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  LKT1AF-24V Datasheet HTML 1Page - Panasonic Semiconductor LKT1AF-24V Datasheet HTML 2Page - Panasonic Semiconductor LKT1AF-24V Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Panasonic Corporation 2013
©
Panasonic Corporation Automation Controls Buisiness Division
industrial.panasonic.com/ac/e/
LK-T
–3–
ASCTB201E 201304-T
DIMENSIONS (mm inch)
SAFETY STANDARDS
* CSA standard: Certified by C-UL
UL/C-UL (Recognized)
VDE (Certified)
TV rating (UL/C-UL)
TÜV (Certified)
SEMKO (Certified)
File No.
Contact rating
File No.
Contact rating
File No.
Rating
File No.
Rating
File No.
Contact rating
E43149
(C-UL)
5A 277V AC
5A 30V DC
8A 277V AC
10A 277V AC
40014390
8A 250V AC (cos
φ=1.0)
UL
E43149
TV-8
B 11 03
13461 284
8A 250V AC (cos
φ=1.0)
807779
3/100A 250V AC
5/40A 250V AC
4-(1). Electrical life test
(5 A 277 V AC, resistive load)
Sample: LKT1aF-12V, 6 pcs.
Operation frequency: 20 times/min.
(ON/OFF = 1.5s: 1.5s)
Ambient temperature: 20
°C 68°F
Circuit:
Change of pick-up and drop-out voltage
Change of contact resistance
12V DC
Contact
welding
detection
and Mis-
contacting
detection
circuit
277V AC
0
0
2
4
6
8
10
12
510
Drop-out voltage
Pick-up voltage
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
0
0
5
10
15
20
25
30
35
40
45
50
10
5
Max.
Min.
x
No. of operations,
×104
4-(2). Electrical life test
(UL508 TV-8 rating test)
Sample: LKT1aF-12V, 6 pcs.
•Overload test
Load: 12 A 120 V AC (60 Hz),
Inductive load (cos
φ = 0.75)
Operation frequency: 6 times/min
(ON : OFF = 1 s : 9 s)
No. of operations: 50 ope.
• Endurance test
Load: 8A 120 V AC (960 W lamp load),
(Inrush: 118 A)
Operation frequency: 1 times/min
(ON: OFF = 1 s: 59 s)
No. of operations: 25,000 ope.
Change of pick-up and drop-out voltage
Change of contact resistance
025
0
2
4
6
8
10
12
Drop-out voltage
Pick-up voltage
Max.
Min.
x
No. of operations,
×103
Max.
Min.
x
0
0
5
10
15
20
25
30
35
40
45
50
25
Max.
Min.
x
No. of operations,
×103
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
4
0.5
1.65
Max. 25.0
Max. 11.0
0.3
0.5 dia.
20.0
16.5
0.4
Max. 24.0
7.5
1.0
.157
.020
.065
.984
.433
.012
.020 dia.
.787
.650
.016
.945
.295
.039
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
2-0.9 dia.
2-1.3 dia.
16.5
7.5
20.0
2-.035 dia.
2-.051 dia.
.650
.295
.787
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012


Similar Part No. - LKT1AF-24V

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
LKT1206B0R5C160R KINGTRONICS-LKT1206B0R5C160R Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
LKT1206B0R5C250R KINGTRONICS-LKT1206B0R5C250R Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
LKT1206B0R5C500R KINGTRONICS-LKT1206B0R5C500R Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
LKT1206B0R5D160R KINGTRONICS-LKT1206B0R5D160R Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
LKT1206B0R5D250R KINGTRONICS-LKT1206B0R5D250R Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
More results

Similar Description - LKT1AF-24V

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59010D1135B040 EPCOS-B59010D1135B040 Datasheet
68Kb / 3P
   Liquid level detection in tanks (oil, gas, etc.) and home appliances
logo
Silicon Laboratories
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
logo
Texas Instruments
PCM186X TI1-PCM186X Datasheet
6Mb / 115P
[Old version datasheet]   Home Theater and TV
logo
Silicon Laboratories
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
   Home and Building Automation and Security
logo
General Cable Technolog...
C1228A GENERAL-C1228A Datasheet
58Kb / 1P
   AUDIO/VIDEO AND HOME ENTERTAINMENT
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB Datasheet
816Kb / 2P
   For Smartphone and Tablet computer etc.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com