Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3222ARWZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3222ARWZ
Description  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3222ARWZ Datasheet(HTML) 3 Page - Analog Devices

  ADM3222ARWZ Datasheet HTML 1Page - Analog Devices ADM3222ARWZ Datasheet HTML 2Page - Analog Devices ADM3222ARWZ Datasheet HTML 3Page - Analog Devices ADM3222ARWZ Datasheet HTML 4Page - Analog Devices ADM3222ARWZ Datasheet HTML 5Page - Analog Devices ADM3222ARWZ Datasheet HTML 6Page - Analog Devices ADM3222ARWZ Datasheet HTML 7Page - Analog Devices ADM3222ARWZ Datasheet HTML 8Page - Analog Devices ADM3222ARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 3 of 16
SPECIFICATIONS
VCC = 3.3 V ± 0.3 V, C1 to C4 = 0.1 μF. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC CHARACTERISTICS
Operating Voltage Range
3.0
3.3
5.5
V
VCC Power Supply Current
1.3
3
mA
No load
8
12
mA
RL = 3 kΩ to GND
Shutdown Supply Current
0.01
0.5
μA
LOGIC
Input Logic Threshold Low, VINL
0.8
V
TIN
Input Logic Threshold High, VINH
2.0
V
TIN
CMOS Output Voltage Low, VOL
0.4
V
IOUT = 1.6 mA
CMOS Output Voltage High, VOH
VCC − 0.6
V
IOUT = −1 mA
Logic Pull-Up Current
5
10
μA
TIN = GND to VCC1
Output Leakage Current
±10
μA
Receivers disabled
RS-232 RECEIVER
EIA-232 Input Voltage Range
−30
+30
V
EIA-232 Input Threshold Low
0.6
1.2
V
EIA-232 Input Threshold High
1.6
2.4
V
EIA-232 Input Hysteresis
0.4
V
EIA-232 Input Resistance
3
5
7
RS-232 TRANSMITTER
Output Voltage Swing (RS-232)
±5.0
±5.2
V
VCC = 3.3 V, all transmitter outputs loaded with 3 kΩ to ground
Output Voltage Swing (RS-562)
±3.7
V
VCC = 3.0 V
Transmitter Output Resistance
300
Ω
VCC = 0 V, VOUT = ±2 V
RS-232 Output Short-Circuit Current
±15
mA
Output Leakage Current
±25
μA
SD = low, VOUT = 12 V
TIMING CHARACTERISTICS
Maximum Data Rate
460
kbps
VCC = 3.3 V, RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF, one
Tx switching
Receiver Propagation Delay
TPHL
0.4
1
μs
TPLH
0.4
1
μs
Transmitter Propagation Delay
0.3
1.2
μs
RL = 3 kΩ, CL = 1000 pF
Receiver Output Enable Time
200
ns
Receiver Output Disable Time
200
ns
Transmitter Skew
30
ns
Receiver Skew
300
ns
Transition Region Slew Rate
5.5
10
30
V/μs
Measured from +3 V to −3 V or −3 V to +3 V, VCC = +3.3 V;
RL = 3 kΩ, CL = 1000 pF, TA = 25°C
1 ADM1385: Input leakage current typically −10 μA when TIN = GND.


Similar Part No. - ADM3222ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3222ARWZ AD-ADM3222ARWZ Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
logo
Guangdong Youtai Semico...
ADM3222ARWZ UMW-ADM3222ARWZ Datasheet
592Kb / 16P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Analog Devices
ADM3222ARWZ-REEL AD-ADM3222ARWZ-REEL Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3222ARWZ-REEL7 AD-ADM3222ARWZ-REEL7 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
More results

Similar Description - ADM3222ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV. A
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com