Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3222ARWZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3222ARWZ
Description  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3222ARWZ Datasheet(HTML) 4 Page - Analog Devices

  ADM3222ARWZ Datasheet HTML 1Page - Analog Devices ADM3222ARWZ Datasheet HTML 2Page - Analog Devices ADM3222ARWZ Datasheet HTML 3Page - Analog Devices ADM3222ARWZ Datasheet HTML 4Page - Analog Devices ADM3222ARWZ Datasheet HTML 5Page - Analog Devices ADM3222ARWZ Datasheet HTML 6Page - Analog Devices ADM3222ARWZ Datasheet HTML 7Page - Analog Devices ADM3222ARWZ Datasheet HTML 8Page - Analog Devices ADM3222ARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
VCC
−0.3 V to +6 V
V+
(VCC − 0.3 V) to +14 V
V−
+0.3 V to –14 V
Input Voltages
TIN
−0.3 V to (V+, +0.3 V)
RIN
±30 V
Output Voltages
TOUT
±15 V
ROUT
−0.3 V to (VCC + 0.3 V)
Short-Circuit Duration
TOUT
Continuous
Power Dissipation (Derates 6 mW/°C
above 50°C)
450 mW
Thermal Impedance, θJA
N-16/N-18 (2-Layer Test Board)
117°C/W
RW-16/RW-18 (4-Layer Test Board)
56°C/W
R-16 (4-Layer Test Board)
81°C/W
RU-16 (4-Layer Test Board)
113°C/W
RU-20 (4-Layer Test Board)
110°C/W
RS-20 (4-Layer Test Board)
83°C/W
Operating Temperature Range
Industrial (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec)
JEDEC industry
standard J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADM3222ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3222ARWZ AD-ADM3222ARWZ Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
logo
Guangdong Youtai Semico...
ADM3222ARWZ UMW-ADM3222ARWZ Datasheet
592Kb / 16P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Analog Devices
ADM3222ARWZ-REEL AD-ADM3222ARWZ-REEL Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3222ARWZ-REEL7 AD-ADM3222ARWZ-REEL7 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
More results

Similar Description - ADM3222ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV. A
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com