Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM236LJR Datasheet(PDF) 7 Page - Analog Devices

Part # ADM236LJR
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM236LJR Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM236LJR Datasheet HTML 3Page - Analog Devices ADM236LJR Datasheet HTML 4Page - Analog Devices ADM236LJR Datasheet HTML 5Page - Analog Devices ADM236LJR Datasheet HTML 6Page - Analog Devices ADM236LJR Datasheet HTML 7Page - Analog Devices ADM236LJR Datasheet HTML 8Page - Analog Devices ADM236LJR Datasheet HTML 9Page - Analog Devices ADM236LJR Datasheet HTML 10Page - Analog Devices ADM236LJR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 7 of 20
Table 4. Pin Function Descriptions
Mnemonic
Function
VCC
Power Supply Input. 5 V ± 10% (5 V ± 5% for ADM233L).
V+
Internally Generated Positive Supply (+10 V nominal) on all parts, except ADM231L and ADM239L. ADM231L and ADM239L
require an external 7.5 V to 13.2 V supply.
V−
Internally Generated Negative Supply (−10 V nominal).
GND
Ground Pin. Must be connected to 0 V.
C+
(ADM231L and ADM239L only) External capacitor (+ terminal) is connected to this pin.
C−
(ADM231L and ADM239L only) External capacitor (– terminal) is connected to this pin.
C1+
(ADM232L, ADM234L, ADM236L, ADM237L, ADM238L, and ADM241L) External capacitor (+ terminal) is connected to this
pin. (ADM233L) The capacitor is connected internally and no external connection to this pin is required.
C1−
(ADM232L, ADM234L, ADM236L, ADM237L, ADM238L, and ADM241L) External capacitor (− terminal) is connected to this
pin. (ADM233L) The capacitor is connected internally and no external connection to this pin is required.
C2+
(ADM232L, ADM234L, ADM236L, ADM237L, ADM238L, and ADM241L) External capacitor (+ terminal) is connected to this
pin. (ADM233L) Internal capacitor connections, Pin 11 and Pin 15, must be connected together.
C2−
(ADM232L, ADM234L, ADM236L, ADM237L, ADM238L, and ADM241L) External capacitor (− terminal) is connected to this
pin. (ADM233L) Internal capacitor connections, Pin 10 and Pin 16, must be connected together.
TIN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels. An internal 400 kΩ pull-up resistor to VCC is connected to
each input.
TOUT
Transmitter (Driver) Outputs. These are RS-232 levels (typically ±10 V).
RIN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 kΩ pull-down resistor to GND is connected on each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN
Enable Input. Active low on ADM236L, ADM239L, and ADM241L. This input is used to enable/disable the receiver outputs.
With EN = low, the receiver outputs are enabled. With EN = high, the outputs are placed in a high impedance state. This
facility is useful for connecting to microprocessor systems.
SD
Shutdown Input. Active high on ADM236L and ADM241L. With SD = high on the ADM236L and ADM241L, the charge pump
is disabled, the receiver outputs are placed in a high impedance state, and the driver outputs are turned off.
NC
No Connect. No connections are required to this pin.
Table 5. ADM236L and ADM241L Truth Table
SD
EN
Status
Transmitters T1 to T5
Receivers R1 to R5
0
0
Normal Operation
Enabled
Enabled
0
1
Normal Operation
Enabled
Disabled
1
0
Shutdown
Disabled
Disabled


Similar Part No. - ADM236LJR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM236LJR AD-ADM236LJR Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM236LJR AD-ADM236LJR Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM236LJR-REEL AD-ADM236LJR-REEL Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

Similar Description - ADM236LJR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com