Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8065 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8065
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices AD8065 Datasheet HTML 10Page - Analog Devices AD8065 Datasheet HTML 11Page - Analog Devices AD8065 Datasheet HTML 12Page - Analog Devices AD8065 Datasheet HTML 13Page - Analog Devices AD8065 Datasheet HTML 14Page - Analog Devices AD8065 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5444/AD5446
Rev. E | Page 11 of 28
10k
100k
1M
10M
100M
FREQUENCY (Hz)
3
–9
0
TA = 25°C
VDD = 5V
–6
–3
VREF = ±2V, AD8038 CCOMP = 1pF
VREF = ±2V, AD8038 CCOMP = 1.5pF
VREF = ±15V, AD8038 CCOMP = 1pF
VREF = ±15V, AD8038 CCOMP = 1.5pF
VREF = ±15V, AD8038 CCOMP = 1.8pF
Figure 24. Reference Multiplying Bandwidth vs. Frequency
and Compensation Capacitor
50
200
225
250
TIME (ns)
0.08
–0.06
–0.02
175
100
125
150
75
0.06
0.04
0.02
0
–0.04
TA = 25°C
VREF = 0V
AD8038 AMP
CCOMP = 1.8pF
VDD = 5V
0x7FF TO 0x800
NRG = 2.154nV-s
VDD = 3V
0x7FF TO 0x800
NRG = 1.794nV-s
VDD = 5V
0x800 TO 0x7FF
NRG = 0.694nV-s
VDD = 5V
0x800 TO 0x7FF
NRG = 0.694nV-s
Figure 25. Midscale Transition, VREF = 0 V
50
200
225
250
TIME (ns)
–1.66
–1.80
–1.76
175
100
125
150
75
–1.68
–1.70
–1.72
–1.74
–1.78
TA = 25°C
VREF = 3.5V
AD8038 AMP
CCOMP = 1.8pF
VDD = 5V
0x7FF TO 0x800
NRG = 2.154nV-s
VDD = 3V
0x7FF TO 0x800
NRG = 1.794nV-s
VDD = 5V
0x800 TO 0x7FF
NRG = 0.694nV-s
VDD = 5V
0x800 TO 0x7FF
NRG = 0.694nV-s
Figure 26. Midscale Transition, VREF = 3.5 V
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
–100
–90
–70
–50
–30
–10
TA = 25°C
VDD = 3V
AD8038 AMPLIFIER
–80
–60
–40
–20
0
FULL SCALE
ZERO SCALE
Figure 27. Power Supply Rejection Ratio vs. Frequency
TA = 25°C
VDD = 5V
VREF = ±3.5V
100
1k
10k
100k
FREQUENCY (Hz)
–60
–90
–85
–75
–65
–80
–70
Figure 28. THD + Noise vs. Frequency
0
50
fOUT (kHz)
100
0
40
20
30
40
10
80
60
20
TA = 25°C
VREF = 3.5V
AD8038 AMP
MCLK = 500kHz
MCLK = 1MHz
MCLK = 200kHz
Figure 29. Wideband SFDR vs. fOUT Frequency


Similar Part No. - AD8065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065 AD-AD8065 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD8065 AD-AD8065 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8065 AD-AD8065 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results

Similar Description - AD8065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5444YRMZ AD-AD5444YRMZ Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5444 AD-AD5444_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5444 AD-AD5444 Datasheet
625Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com