Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJQ6008DPM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJQ6008DPM
Description  600V - 10A - IGBT and Diode High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJQ6008DPM Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJQ6008DPM Datasheet HTML 1Page - Renesas Technology Corp RJQ6008DPM Datasheet HTML 2Page - Renesas Technology Corp RJQ6008DPM Datasheet HTML 3Page - Renesas Technology Corp RJQ6008DPM Datasheet HTML 4Page - Renesas Technology Corp RJQ6008DPM Datasheet HTML 5Page - Renesas Technology Corp RJQ6008DPM Datasheet HTML 6Page - Renesas Technology Corp RJQ6008DPM Datasheet HTML 7Page - Renesas Technology Corp RJQ6008DPM Datasheet HTML 8Page - Renesas Technology Corp RJQ6008DPM Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RJQ6008DPM
Preliminary
R07DS0847EJ0100 Rev.1.00
Page 3 of 8
Jul 17, 2012
Main Characteristics
IGBT
0
20
60
40
80
100
1
2
6
4
5
3
7
Typical Output Characteristics
Typical Transfer Characteristics
1234
6
5
Ta = 25°C
Pulse Test
Maximum Safe Operation Area
1000
100
10
0.1
1
10
100
1
0.01
0.1
0.001
1000
0
20
40
60
100
80
12
0
2468
10
PW = 10
μs
2
0
4
6
8
4
8
12
20
16
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
20 A
25 A
10 A
IC = 50 A
VGE = 6.4 V
8 V
6.8 V
7.2 V
7.6 V
Ta = 25°C
Pulse Test
VCE = 10 V
Pulse Test
Collector to Emitter Voltage VCE (V)
Collector to Emitter Voltage VCE (V)
Gate to Emitter Voltage VGE (V)
Gate to Emitter Voltage VGE (V)
Ta = 25°C
1 shot pulse
25°C
–25
°C
Ta = 75
°C
8.4 V
9 V
10 V
15 V
13 V
Collector to Emitter Saturation Voltage
vs. Junction Temparature (Typical)
Junction Temparature Tj (°C)
Gate to Emitter Cutoff Voltage
vs. Junction Temparature (Typical)
Junction Temparature Tj (°C)
−25
0
25
75
125
50
100
150
VGE = 15 V
Pulse Test
50 A
25 A
20 A
10 A
IC = 100 A
0
2
6
4
8
10
−25
0
25
75
125
50
100
150
VCE = 10 V
Pulse Test
1 mA
IC = 10 mA


Similar Part No. - RJQ6008DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJQ6008DPM RENESAS-RJQ6008DPM_15 Datasheet
115Kb / 9P
   600V - 10A - IGBT and Diode High Speed Power Switching
More results

Similar Description - RJQ6008DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJQ6008DPM RENESAS-RJQ6008DPM_15 Datasheet
115Kb / 9P
   600V - 10A - IGBT and Diode High Speed Power Switching
RJQ6022DPM RENESAS-RJQ6022DPM Datasheet
87Kb / 4P
   600V - 10A - IGBT High Speed Power Switching
RJQ6021DPM RENESAS-RJQ6021DPM Datasheet
81Kb / 4P
   600V - 10A - IGBT High Speed Power Switching
RJP6003DPM RENESAS-RJP6003DPM Datasheet
110Kb / 9P
   600V - 20A - IGBT and Diode High Speed Power Switching
RJQ6003DPM RENESAS-RJQ6003DPM_15 Datasheet
110Kb / 9P
   600V - 20A - IGBT and Diode High Speed Power Switching
RJQ6003DPM RENESAS-RJQ6003DPM Datasheet
110Kb / 9P
   600V - 20A - IGBT and Diode High Speed Power Switching
RJP60F5DPM RENESAS-RJP60F5DPM_15 Datasheet
84Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
RJP60F7DPK RENESAS-RJP60F7DPK Datasheet
105Kb / 7P
   600V - 50A - IGBT High Speed Power Switching
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0_15 Datasheet
218Kb / 9P
   600V - 50A - IGBT High Speed Power Switching
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0_15 Datasheet
101Kb / 9P
   600V - 40A - IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com