Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJGBLC15C-AU_A1_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJGBLC15C-AU_A1_10001
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJGBLC15C-AU_A1_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJGBLC15C-AU_A1_10001 Datasheet HTML 1Page - Pan Jit International Inc. PJGBLC15C-AU_A1_10001 Datasheet HTML 2Page - Pan Jit International Inc. PJGBLC15C-AU_A1_10001 Datasheet HTML 3Page - Pan Jit International Inc. PJGBLC15C-AU_A1_10001 Datasheet HTML 4Page - Pan Jit International Inc. PJGBLC15C-AU_A1_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
August 6,2013
Document Number : 130315
PJGBLC15C-AU PJGBLC24C-AU
FEATURES
• IEC 61000-4-2 +15kV air, +8kV Contact
• Replacement for MLV (0805)
• Protects One Power or I/O Port
• Low Clamping Voltage
• Ultra Low Capacitance : 3pF Maximum
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOD-323,Molded plastic over passivated junction
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0041 grams
ULTRA LOW CAPACITANCE TVS ARRAY
VOLTAGE
15~24 Volts
350 Watts
POWER
MAXIMUM RATINGS (@25°C unless otherwise specified)
ELECTRICAL CHARACTERISTICS PER LINE (@25°C unless otherwise specified)
Parameter
Symbol
Value
Units
Peak Pulse Power (t P=8/20
s)-See Figure 1
PPP
350
Watts
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
oC
Part Number
(See Notes1-2)
Pe a k P o we r
Di s si p a tio n
@8 /2 0
s
P PP M
Rated-S tand-
Off Vo lta g e
Re ve rse B rea kd own Vo ltag e
Maximum Clamping
Voltage (See Fig.2)
@8 /2 0
s P PPM
Leakage
Current
Off-State
Capacitance,
1MHz Zero dc
Bias
Marking
Code
0V @1 MHz
V RWM
V BR @ I T
V C @I PP
I R @ VRWM
C O
Ma x.
Mi n.
Max.
I T
Ma x.
Ma x.
W
V
V
V
mA
V
A
A
pF
PJGBLC15C-AU
350
15
17.39
19.22
1
24
1
1
3
AN
PJGBLC24C-AU
350
24
27.27
30.14
1
43
1
1
3
AP
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)
BIDIRECTIONAL


Similar Part No. - PJGBLC15C-AU_A1_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJGBLC15C PANJIT-PJGBLC15C Datasheet
72Kb / 4P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PJGBLC15C-AU_A1_10001

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com