Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP65S04DWT Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJP65S04DWT
Description  650V - 50A - IGBT Application: Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP65S04DWT Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJP65S04DWT Datasheet HTML 1Page - Renesas Technology Corp RJP65S04DWT Datasheet HTML 2Page - Renesas Technology Corp RJP65S04DWT Datasheet HTML 3Page - Renesas Technology Corp RJP65S04DWT Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJP65S04DWT/RJP65S04DWA
Preliminary
R07DS0821EJ0002 Rev.0.02
Page 2 of 3
Aug 09, 2012
Electrical Characteristics (These data are an actual measurement value in evaluation package.)
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
1
A
VCE = 650 V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
5.0
6.8
V
VCE = 10 V, IC = 1.0mA
Collector to emitter saturation voltage
VCE(sat)
1.60
1.95
V
IC = 50 A, VGE = 15 V
Note2
Input capacitance
Cies
4.5
nF
Output capacitance
Coes
0.2
nF
Reveres transfer capacitance
Cres
0.15
nF
VCE = 25 V
VGE = 0
f = 1 MHz
td(on)
30
ns
tr
30
ns
td(off)
200
ns
Switching time
tf
80
ns
VCC = 300 V
Note3
IC = 50 A
VGE =±15 V
Rg = 10
, Tj = 125 C
Inductive load
Short circuit withstand time
tsc
10
s
VCC  360 V , VGE = 15 V
Tj = 150
C
Notes: 2. Pulse test.
3. Switching time test circuit and waveform are shown below.
Switching Time Test Circuit
Waveform
Diode clamp
D.U.T
Rg
L
VCC
td(off)
td(on)
tf
tr
90%
90%
90%
10%
10%
10%
VGE
IC


Similar Part No. - RJP65S04DWT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65S04DWT RENESAS-RJP65S04DWT_15 Datasheet
64Kb / 4P
   650V - 50A - IGBT Application: Inverter
More results

Similar Description - RJP65S04DWT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65M04DWA RENESAS-RJP65M04DWA Datasheet
146Kb / 4P
   650V - 50A - IGBT Application: Inverter
Nov. 06, 2015
RJP65S04DWT RENESAS-RJP65S04DWT_15 Datasheet
64Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0_15 Datasheet
71Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0 Datasheet
71Kb / 4P
   650V - 50A - IGBT Application: Inverter
Jul 06, 2012
RJH60D7DPM RENESAS-RJH60D7DPM_15 Datasheet
110Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7BDPQ-E0 RENESAS-RJH60D7BDPQ-E0_15 Datasheet
126Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60D7DPK RENESAS-RJH60D7DPK_15 Datasheet
107Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJP1CS04DWT RENESAS-RJP1CS04DWT Datasheet
76Kb / 4P
   1250V - 50A - IGBT Application: Inverter
RJH60D7DPQ-E0 RENESAS-RJH60D7DPQ-E0 Datasheet
113Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60M7DPQ-E0 RENESAS-RJH60M7DPQ-E0 Datasheet
247Kb / 10P
   600V - 50A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com