Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0613JSP-00-J0 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RJF0613JSP-00-J0
Description  60 V - 10 A - N Channel MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0613JSP-00-J0 Datasheet(HTML) 7 Page - Renesas Technology Corp

  RJF0613JSP-00-J0 Datasheet HTML 1Page - Renesas Technology Corp RJF0613JSP-00-J0 Datasheet HTML 2Page - Renesas Technology Corp RJF0613JSP-00-J0 Datasheet HTML 3Page - Renesas Technology Corp RJF0613JSP-00-J0 Datasheet HTML 4Page - Renesas Technology Corp RJF0613JSP-00-J0 Datasheet HTML 5Page - Renesas Technology Corp RJF0613JSP-00-J0 Datasheet HTML 6Page - Renesas Technology Corp RJF0613JSP-00-J0 Datasheet HTML 7Page - Renesas Technology Corp RJF0613JSP-00-J0 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RJF0613JSP
Target Specifications
R07DS0874EJ0100 Rev.1.00
Page 7 of 7
Aug 29, 2012
Package Dimensions
P-SOP8-3.95
× 4.9-1.27
0.085g
MASS[Typ.]
FP-8DAV
PRSP0008DD-D
RENESAS Code
JEITA Package Code
Previous Code
8
5
1
4
bp
Detail F
Terminal cross section
1.27
1.08
0.40
L1
0.60
0.25
x
0.46
0.40
0.34
0.10
bp
b1
c1
0.25
0.20
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
5.3
4.90
D
3.95
E
0.14
A2
6.20
6.10
5.80
0.25
1.75
A
0.75
Z
L
c
1.27
e
0.1
y
HE
A1
D
*1
*3
x M
bp
e
Z
(Ni/Pd/Au plating)
2.
1. DIMENSIONS "*1(Nom)" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
Index mark
L1
L
Detail F
y
Package Name
SOP-8
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJF0613JSP-00-J0
2500 pcs
Taping
Note: The symbol of 2nd "-" is occasionally presented as "#".


Similar Part No. - RJF0613JSP-00-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0613JSP RENESAS-RJF0613JSP_15 Datasheet
152Kb / 8P
   60 V - 10 A - N Channel MOS FET Power Switching
More results

Similar Description - RJF0613JSP-00-J0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0613JSP RENESAS-RJF0613JSP_15 Datasheet
152Kb / 8P
   60 V - 10 A - N Channel MOS FET Power Switching
RJF0608JSP RENESAS-RJF0608JSP_15 Datasheet
146Kb / 8P
   60 V - 5 A - N Channel MOS FET Power Switching
RJF0624JSP RENESAS-RJF0624JSP Datasheet
225Kb / 7P
   60 V 3 A N Channel MOS FET Power Switching
Sep. 27, 2022
RJF0608JSP RENESAS-RJF0608JSP Datasheet
146Kb / 8P
   60 V - 5 A - N Channel MOS FET Power Switching
NP60N06VLK RENESAS-NP60N06VLK Datasheet
552Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06VDK RENESAS-NP60N06VDK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06PLK RENESAS-NP60N06PLK Datasheet
544Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP89N06PDK RENESAS-NP89N06PDK Datasheet
548Kb / 9P
   60 V ??90 A ??N-channel Power MOS FET
RJK0628JPE RENESAS-RJK0628JPE_15 Datasheet
105Kb / 7P
   60 V - 160 A - N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com