Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0613JSP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJF0613JSP
Description  60 V - 10 A - N Channel MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0613JSP Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJF0613JSP Datasheet HTML 1Page - Renesas Technology Corp RJF0613JSP Datasheet HTML 2Page - Renesas Technology Corp RJF0613JSP Datasheet HTML 3Page - Renesas Technology Corp RJF0613JSP Datasheet HTML 4Page - Renesas Technology Corp RJF0613JSP Datasheet HTML 5Page - Renesas Technology Corp RJF0613JSP Datasheet HTML 6Page - Renesas Technology Corp RJF0613JSP Datasheet HTML 7Page - Renesas Technology Corp RJF0613JSP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJF0613JSP
Target Specifications
R07DS0874EJ0100 Rev.1.00
Page 5 of 7
Aug 29, 2012
200
180
160
140
120
0
Gate to Source Voltage
VGS (V)
100
2468
10
ID = 0.5 A
Shutdown Case Temperature vs.
Gate to Source Voltage
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
16
14
12
8
10
4
2
6
0
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
10
10000
Shutdown Time of Load-Short Test Pw (
μs)
100
1000
VDD = 16 V
24 V
100
μ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
DM
P
PW
T
D =
PW
T
θch − f(t) = γs (t) • θch − f
θch − f = 83.3°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)


Similar Part No. - RJF0613JSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0613JSP RENESAS-RJF0613JSP_15 Datasheet
152Kb / 8P
   60 V - 10 A - N Channel MOS FET Power Switching
More results

Similar Description - RJF0613JSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0613JSP RENESAS-RJF0613JSP_15 Datasheet
152Kb / 8P
   60 V - 10 A - N Channel MOS FET Power Switching
RJF0608JSP RENESAS-RJF0608JSP_15 Datasheet
146Kb / 8P
   60 V - 5 A - N Channel MOS FET Power Switching
RJF0624JSP RENESAS-RJF0624JSP Datasheet
225Kb / 7P
   60 V 3 A N Channel MOS FET Power Switching
Sep. 27, 2022
RJF0608JSP RENESAS-RJF0608JSP Datasheet
146Kb / 8P
   60 V - 5 A - N Channel MOS FET Power Switching
NP60N06VLK RENESAS-NP60N06VLK Datasheet
552Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06VDK RENESAS-NP60N06VDK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06PLK RENESAS-NP60N06PLK Datasheet
544Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP89N06PDK RENESAS-NP89N06PDK Datasheet
548Kb / 9P
   60 V ??90 A ??N-channel Power MOS FET
RJK0628JPE RENESAS-RJK0628JPE_15 Datasheet
105Kb / 7P
   60 V - 160 A - N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com