Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSD1413 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KSD1413
Description  Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1413 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KSD1413 Datasheet HTML 1Page - Fairchild Semiconductor KSD1413 Datasheet HTML 2Page - Fairchild Semiconductor KSD1413 Datasheet HTML 3Page - Fairchild Semiconductor KSD1413 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
  





5 !!  !3    =  
   2 >5 3+


 
 

 
 ?
 
 
 
 
 
 
 !

 
 
" #$
" #%
" #&
' 
'( 
)
*
 
 
 
 
*%8:%;'#1%7'88##8#:#8%6:1*<#:*76#-%:8:#87%#*7@
8':#8#%7%18#8#;%* %;%@47%78'#%67+*%8:%;''#7*1#*7@
;%* %;%@*8%%76:#*;%*%78#*7@8'8%8%'#8% #':#8#%7A
7#%:#8'#%7#@*7@;%#7#7'#8%*#78%6:478:#8%6::#8+
 
 
 
 
*%8:%;'B 8' *8# 7 *:8%C#' 8 # * 8%%*; 17#7 %7 ;%# 8
'#%# 8 @#1 -%: :# #D8# -8%#7 *8*;  *%8:%;' #1%7'8
%7#87*%7*;+
*  E
/+;5 ,,>>
4&(  5 !,  4
&( ,,  54&(5 ,5
 ,,      5 
,>    !4     2, 
  ! 5  F  +
+*,   ,  55 ,,
>    5   ,5  
 2, 5 55 ,,
>455555> +
 
 
 
 




'% 5
'% 5
'% 5
'% 5
  
  
  
  
'5 
'5 
'5 
'5 
*> % 5
>%
'!
  ! ,5 5
, >, +,5  !
    +
 
 
  , 4 
 ,, , +
  >!3
 !    ,>
! +
7% 5 7
  
  5 ,5 +
  >!3 !
    ,>! +

7%  
  ,5  , 
     +
, 55  5  +


Similar Part No. - KSD1413

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KSD14130S LITTELFUSE-KSD14130S Datasheet
503Kb / 2P
   The KSD1 Series features two-terminal, series-connection with the load
KSD14130S LITTELFUSE-KSD14130S Datasheet
502Kb / 2P
   Delay-on-Make Timer
2016 Rev: 1-A-062116
More results

Similar Description - KSD1413

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com