Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJMBZ5V6-AU_R2_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJMBZ5V6-AU_R2_00001
Description  DUAL TVS FOR ESD / TRANSIENT PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJMBZ5V6-AU_R2_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJMBZ5V6-AU_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJMBZ5V6-AU_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJMBZ5V6-AU_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJMBZ5V6-AU_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJMBZ5V6-AU_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc. PJMBZ5V6-AU_R2_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
RATING AND CHARACTERISTIC CURVES
10x1000 sec Waveform
m
0
200
0
0
0
400
600
800
100
100
100
90
120
90
10
10
20
20
20
30
30
40
40
40
50
50
60
60
60
70
70
80
80
80
1000
time, sec
m
8x20 sec Surge Waveform
m
Fig.5
tf@ 50%Ipp = 1000 sec
m
tr@ 90%Ipp = 10 sec
m
dc Bias Voltage, V
01
2
3
4
5
6v8
5v6
6v2
05
20
10
25
15
30
35
time, sec
m
Pulse Duration, sec
m
1000
100
10
0.1
1
10
100
1000
Non-Repetitive Peak Pulse Power vs Pulse Time
Capacitance vs. Biasing Voltage @1MHz
tr@ 90%Ipp = 8 sec
m
tf@ 50%Ipp = 20 sec
m
Fig.3
Fig.4
Fig.6
0
2
4
6
8
56789
10
VC,Clamping Voltage (V)
5V6
6V2
6V8
Fig.2 10/1000µs Peak Pulse Current Waveform
0
10
20
30
40
5
7.5
10
12.5
15
VC,Clamping Voltage (V)
5V6
6V2
6V8
Fig.1 8/20µs Peak Pulse Current Waveform
October 11,2011-REV.05
PJMBZ5V6-AU SERIES


Similar Part No. - PJMBZ5V6-AU_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
116Kb / 4P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6_10 Datasheet
116Kb / 4P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
More results

Similar Description - PJMBZ5V6-AU_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU PANJIT-PJMBZ15V-AU Datasheet
223Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6_10 Datasheet
116Kb / 4P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT PANJIT-PJSOT Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
AiT Semiconductor Inc.
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
   ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com