Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLS2010 Datasheet(PDF) 2 Page - Riedon Powertron

Part # CLS2010
Description  Current Sensing Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CLS2010 Datasheet(HTML) 2 Page - Riedon Powertron

  CLS2010 Datasheet HTML 1Page - Riedon Powertron CLS2010 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 12
09/13
CLS Series
Current Sensing Chip Resistor
Test
Requirement
Test Method
Temperature Coefficient of Resistance
As Spec.
-55C to 125°C, 25°C reference temperature
Short Time Overload
±0.5%+0.05Ω
RCWV*2.5 or Max. overload voltage for 5
seconds
Insulation Resistance
>10G
Max. overload voltage for 1 minute
Load Life
±1.0%+0.05Ω
70±2°C, Max. working voltage for 1000 hrs
with 1.5 hrs
“ON” and 0.5 hrs “OFF”
Damp Heat with Load
±0.5%+0.05Ω
40±2°C, 90~95% R.H. Max. working voltage
for 1000 hrs
with 1.5 hrs “ON” and 0.5 hrs “OFF”
Dry Heat
±0.5%+0.05Ω
at +155°C for 1000 hrs
Bending Strength
As Spec.
Bending once for 5 seconds
2010, 2512 sizes: 2mm Other sizes: 3mm
Solderability
95% min. coverage
245±5°C for 3 seconds
Resistance to Soldering Heat
±0.5%+0.05Ω
260±5°C for 10 seconds
Voltage Proof
No breakdown or flashover
1.42 times RCWV (RMS) for 1 minute
Leaching
Individual leaching area <5%
Total leaching area <10%
260±5°C for 30 seconds
Rapid Change of Temperature
±0.5%+0.05Ω
-55°C to +155°C, 5 cycles
Environmental Characteristics


Similar Part No. - CLS2010

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CLS2010 RIEDON-CLS2010 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
More results

Similar Description - CLS2010

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
   current sensing chip resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com