Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG4001-AU_R2_000A1 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PG4001-AU_R2_000A1
Description  GLASS PASSIVATED JUNCTION RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PG4001-AU_R2_000A1 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PG4001-AU_R2_000A1 Datasheet HTML 1Page - Pan Jit International Inc. PG4001-AU_R2_000A1 Datasheet HTML 2Page - Pan Jit International Inc. PG4001-AU_R2_000A1 Datasheet HTML 3Page - Pan Jit International Inc. PG4001-AU_R2_000A1 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part No_packing code_Version
PG4001-AU_AY_000A1
PG4001-AU_AY_100A1
PG4001-AU_B0_000A1
PG4001-AU_B0_100A1
PG4001-AU_R2_000A1
PG4001-AU_R2_100A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
PG4001-AU ~ PG4007-AU
PAGE .
3
STAD-FEB.04.2009
1


Similar Part No. - PG4001-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG4001 PANJIT-PG4001 Datasheet
99Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zibo Seno Electronic En...
PG4001 ZSELEC-PG4001 Datasheet
91Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
PG4001S PANJIT-PG4001S Datasheet
41Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
PG4001S PANJIT-PG4001S Datasheet
96Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG4001S PANJIT-PG4001S_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
More results

Similar Description - PG4001-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com