Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TQ1G63DFRG7C Datasheet(PDF) 29 Page - Hynix Semiconductor

Part # H5TQ1G63DFRG7C
Description  1Gb DDR3 SDRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ1G63DFRG7C Datasheet(HTML) 29 Page - Hynix Semiconductor

Back Button H5TQ1G63DFRG7C Datasheet HTML 25Page - Hynix Semiconductor H5TQ1G63DFRG7C Datasheet HTML 26Page - Hynix Semiconductor H5TQ1G63DFRG7C Datasheet HTML 27Page - Hynix Semiconductor H5TQ1G63DFRG7C Datasheet HTML 28Page - Hynix Semiconductor H5TQ1G63DFRG7C Datasheet HTML 29Page - Hynix Semiconductor H5TQ1G63DFRG7C Datasheet HTML 30Page - Hynix Semiconductor H5TQ1G63DFRG7C Datasheet HTML 31Page - Hynix Semiconductor H5TQ1G63DFRG7C Datasheet HTML 32Page - Hynix Semiconductor H5TQ1G63DFRG7C Datasheet HTML 33Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Rev. 1.7 /Sep. 2011
29
DDR3-1600 Speed Bins
For specific Notes See "" on page 32.
Speed Bin
DDR3-1600 PB
Unit
Note
CL - nRCD - nRP
11-11-11
Parameter
Symbol
min
max
Internal read command to first
data
tAA
13.75
20
ns
ACT to internal read or write
delay time
tRCD
13.75
ns
PRE command period
tRP
13.75
ns
ACT to ACT or REF command
period
tRC
48.75
ns
ACT to PRE command period
tRAS
35
9 * tREFI
ns
CL = 5
CWL = 5
tCK(AVG)
3.0
3.3
ns
1,2,3,4,8,
10,11
CWL = 6, 7, 8
tCK(AVG)
Reserved
ns
4
CL = 6
CWL = 5
tCK(AVG)
2.5
3.3
ns
1,2,3,8
CWL = 6
tCK(AVG)
Reserved
ns
1,2,3,4,8
CWL = 7, 8
tCK(AVG)
Reserved
ns
4
CL = 7
CWL = 5
tCK(AVG)
Reserved
ns
4
CWL = 6
tCK(AVG)
1.875
< 2.5
ns
1,2,3,4,8
(Optional)
Note 5,11
CWL = 7
tCK(AVG)
Reserved
ns
1,2,3,4,8
CWL = 8
tCK(AVG)
Reserved
ns
4
CL = 8
CWL = 5
tCK(AVG)
Reserved
ns
4
CWL = 6
tCK(AVG)
1.875
< 2.5
ns
1,2,3,8
CWL = 7
tCK(AVG)
Reserved
ns
1,2,3,4,8
CWL = 8
tCK(AVG)
Reserved
ns
1,2,3,4
CL = 9
CWL = 5, 6
tCK(AVG)
Reserved
ns
4
CWL = 7
tCK(AVG)
1.5
<1.875
ns
1,2,3,4,8
(Optional)
Note 5,11
CWL = 8
tCK(AVG)
Reserved
ns
1,2,3,4
CL = 10
CWL = 5, 6
tCK(AVG)
Reserved
ns
4
CWL = 7
tCK(AVG)
1.5
<1.875
ns
1,2,3,8
CWL = 8
tCK(AVG)
Reserved
ns
1,2,3,4
CL = 11
CWL = 5, 6,7
tCK(AVG)
Reserved
ns
4
CWL = 8
tCK(AVG)
1.25
<1.5
ns
1,2,3
Supported CL Settings
5,6,(7),8,(9),10,11
nCK
Supported CWL Settings
5, 6, 7, 8
nCK


Similar Part No. - H5TQ1G63DFRG7C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ1G63DFR-11C HYNIX-H5TQ1G63DFR-11C Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ1G63DFR-12C HYNIX-H5TQ1G63DFR-12C Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ1G63DFR-N0C HYNIX-H5TQ1G63DFR-N0C Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
More results

Similar Description - H5TQ1G63DFRG7C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ1G43BFR HYNIX-H5TQ1G43BFR Datasheet
589Kb / 32P
   1Gb DDR3 SDRAM
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
logo
Samsung semiconductor
K4B1G0446G SAMSUNG-K4B1G0446G Datasheet
1Mb / 64P
   1Gb G-die DDR3 SDRAM
logo
Elpida Memory
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com