Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TQ1G63DFR-11C Datasheet(PDF) 90 Page - Hynix Semiconductor

Part # H5TQ1G63DFR-11C
Description  1Gb DDR3 SDRAM
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ1G63DFR-11C Datasheet(HTML) 90 Page - Hynix Semiconductor

Back Button H5TQ1G63DFR-11C Datasheet HTML 86Page - Hynix Semiconductor H5TQ1G63DFR-11C Datasheet HTML 87Page - Hynix Semiconductor H5TQ1G63DFR-11C Datasheet HTML 88Page - Hynix Semiconductor H5TQ1G63DFR-11C Datasheet HTML 89Page - Hynix Semiconductor H5TQ1G63DFR-11C Datasheet HTML 90Page - Hynix Semiconductor H5TQ1G63DFR-11C Datasheet HTML 91Page - Hynix Semiconductor H5TQ1G63DFR-11C Datasheet HTML 92Page - Hynix Semiconductor H5TQ1G63DFR-11C Datasheet HTML 93Page - Hynix Semiconductor H5TQ1G63DFR-11C Datasheet HTML 94Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 172 page
background image
Rev. 1.1 /Jan. 2011
90
Figure 49. WRITE (BC4) OTF to PRECHARGE Operation
Figure 50. WRITE (BL8) to WRITE (BL8)
ADDRESS4
DQS, DQS#
tWPST
DQ2
Din
n
TRANSITIONING DATA
DON’T CARE
Bank.
Col n
Din
n+1
Din
n+2
Din
n+3
NOTE: 1. BC4 OTF, WL=5 (CWL = 5, AL = 0)
2. Din n (or b) = data-in from column n
3. NOP commands are shown for ease of illustration; other commands may be valid at these times.
4. BC4 OTF setting activated by MR0[A1:0 = 01] and A12 = 0 during WRITE command at T0.
5. The write recovery time(tWR) starts at the rising clock edge T9 (4 clocks from T5).
4 clocks
T0
CK#
CK
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
Ta0
Ta1
T14
COMMAND3
VALID
tWR5
WL = 5
tWPRE
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
WRITE
NOP
NOP
NOP
NOP
NOP
T0
CK#
CK
COMMAND3
ADDRESS4
DQS, DQS#
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
tWPRE
tWPST
DQ2
WL=5
Din
n
TRANSITIONING DATA
DON’T CARE
T11
T12
T13
T14
WRITE
NOP
NOP
NOP
Bank.
Col n
Din
n+5
Din
n+6
Din
n+7
Din
n+1
Din
n+2
Din
n+3
Din
n+4
Bank.
Col b
tWTR
READ
RL=5
NOTE: 1. RL=5 (CL=5, AL=0), WL=5(CWL=5, AL=0)
2. Din n = data-in from column n; Dout b= data-out from column b.
3. NOP commands are shown for ease of illustration; other commands may be valid at these times.
4. BL8 setting activated by either MR0[A1:0=00] or MR0[A1:0=01] and A12=1 during WRITE command at T0.
READ command at T11 can be either BC4 or BL8 depending on MR0[A1:0] and A12 status at T13.


Similar Part No. - H5TQ1G63DFR-11C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G63DFRG7C HYNIX-H5TQ1G63DFRG7C Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G63DFRG7I HYNIX-H5TQ1G63DFRG7I Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G63DFRG7J HYNIX-H5TQ1G63DFRG7J Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G63DFRG7L HYNIX-H5TQ1G63DFRG7L Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G63DFRH9C HYNIX-H5TQ1G63DFRH9C Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
More results

Similar Description - H5TQ1G63DFR-11C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ1G43BFR HYNIX-H5TQ1G43BFR Datasheet
589Kb / 32P
   1Gb DDR3 SDRAM
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
logo
Samsung semiconductor
K4B1G0446G SAMSUNG-K4B1G0446G Datasheet
1Mb / 64P
   1Gb G-die DDR3 SDRAM
logo
Elpida Memory
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com