Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5502D Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KSC5502D
Description  High Voltage Power Switch Switching Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5502D Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KSC5502D Datasheet HTML 2Page - Fairchild Semiconductor KSC5502D Datasheet HTML 3Page - Fairchild Semiconductor KSC5502D Datasheet HTML 4Page - Fairchild Semiconductor KSC5502D Datasheet HTML 5Page - Fairchild Semiconductor KSC5502D Datasheet HTML 6Page - Fairchild Semiconductor KSC5502D Datasheet HTML 7Page - Fairchild Semiconductor KSC5502D Datasheet HTML 8Page - Fairchild Semiconductor KSC5502D Datasheet HTML 9Page - Fairchild Semiconductor KSC5502D Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A2, August 2001
Typical Characteristics (Continued)
Figure 13. Resistive Switching Time, toff
Figure 14. Inductive Switching Time, tSTG
Figure 15. Inductive Switching Time, tF
Figure 16. Inductive Switching Time, tc
Figure 17. Inductive Switching Time, tSTG
Figure 18. Inductive Switching Time, tF
0.3
0.4
0.5
0.6
0.7 0.8 0.9 1
12
3
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
I
C =5IB1 =5IB2
V
c
=300V
PW=20us
T
J =25
T
J =12 5
I
C
[A ], CO L LE C TO R CURR EN T
0.3
0.4
0.5
0.6
0.7 0.8 0.9 1
12
3
1
1
1.5
2
2.5
3
I
C =5IB1 =2IB2
V
CC =15 V
V
Z =30 0V
L
C =20 0uH
T
J =25
T
J =12 5
I
C [A ], CO L L E CT O R CUR RE NT
0.3
0.4
0.5
0.6
0.7 0.8 0.9 1
12
3
40
45
50
55
60
65
70
75
80
85
90
95
100
50
100
I
C =5IB1 =2IB2
V
CC
=15V
V
Z = 300V
L
C = 200u H
T
J =25
T
J
=125 ℃
I
C [A ], CO L L E CT O R CU RR E N T
0.3
0.4
0.5
0.6
0.7 0.8 0.9 1
12
3
100
100
150
200
250
300
350
400
450
500
550
600
I
C
=5I
B1
=2I
B2
V
CC
=15V
V
Z =300V
L
C
=200uH
T
J=25
T
J
=125 ℃
I
C [A ], CO L L E C TO R CURRE N T
0.3
0.4
0.5
0.6
0.7 0.8 0.9 1
12
3
2
2.5
3
3.5
4
4.5
5
I
C =5IB1 =5IB2
V
CC
=15V
V
Z
=300V
L
C =200uH
T
J
=25 ℃
T
J =125
I
C
[A ], CO LLE C TO R CURRE NT
0.3
0.4
0.5
0.6
0.7 0.8 0.9 1
12
3
50
60
70
80
90
100
100
200
300
400
500
600
700
800
900
1000
1000
I
C =5IB1 =5IB2
V
CC
=15V
V
Z
=300V
L
C =200uH
T
J
=25 ℃
T
J
=125 ℃
I
C
[A], CO LLECTO R C URRENT


Similar Part No. - KSC5502D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5502D FAIRCHILD-KSC5502D Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502D FAIRCHILD-KSC5502D Datasheet
259Kb / 11P
   NPN Triple Diffused Planar Silicon Transistor
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
259Kb / 11P
   NPN Triple Diffused Planar Silicon Transistor
KSC5502DTM FAIRCHILD-KSC5502DTM Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
More results

Similar Description - KSC5502D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5039F FAIRCHILD-KSC5039F Datasheet
58Kb / 5P
   High Voltage Power Switch Switching Application
KSC5338D FAIRCHILD-KSC5338D Datasheet
95Kb / 8P
   High Voltage Power Switch Switching Application
KSC5338 FAIRCHILD-KSC5338 Datasheet
70Kb / 5P
   High Voltage Power Switch Switching Application
KSC5338F FAIRCHILD-KSC5338F Datasheet
75Kb / 5P
   High Voltage Power Switch Switching Application
KSC5502DTM FAIRCHILD-KSC5502DTM Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
KSC5039 FAIRCHILD-KSC5039 Datasheet
54Kb / 5P
   High Voltage Power Switch Switching Application
KSC5305D FAIRCHILD-KSC5305D Datasheet
102Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5402D FAIRCHILD-KSC5402D Datasheet
155Kb / 10P
   High Voltage High Speed Power Switch Application
FJE5304D FAIRCHILD-FJE5304D Datasheet
89Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302D FAIRCHILD-KSC5302D Datasheet
101Kb / 6P
   High Voltage High Speed Power Switch Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com