Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHCC1DIU Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # CHCC1DIU
Description  Compact Modular Fuse Holders With the Industrys Best Ratings
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CHCC1DIU Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button CHCC1DIU Datasheet HTML 4Page - Cooper Bussmann, Inc. CHCC1DIU Datasheet HTML 5Page - Cooper Bussmann, Inc. CHCC1DIU Datasheet HTML 6Page - Cooper Bussmann, Inc. CHCC1DIU Datasheet HTML 7Page - Cooper Bussmann, Inc. CHCC1DIU Datasheet HTML 8Page - Cooper Bussmann, Inc. CHCC1DIU Datasheet HTML 9Page - Cooper Bussmann, Inc. CHCC1DIU Datasheet HTML 10Page - Cooper Bussmann, Inc. CHCC1DIU Datasheet HTML 11Page - Cooper Bussmann, Inc. CHCC1DIU Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Comb-Bus Bar Specifications and Selection Guide
Features and Benefits
• Easily distribute power in single-phase or
three-phase configurations
• Flexible cut-to-length solutions without
compromising on the product’s finger-safe
features
• 100kA SCCR (Short Circuit Current Rating) when
protected by a 200A Class J fuse
• Single-phase bus bars rated to 1000Vdc and
100A in end-fed configuration (200A for
center-fed configuration)
• Three-phase bus bars rated to 600Vac/dc and
100A in end-fed configuration (200A for
center-fed configuration)
• Power feed terminals for single-phase and
three-phase service
Specifications
Agency Information: UL508, File E195399
Pitch: 17.8mm
SCCR: 10kA (default)
100kA (with upstream Class J 200A fuses)
Max Current: 100A (power feed from end;
200A (power feed from center)
Max Voltage: 600Vac/dc (three phase)
1000Vdc/600Vac (single phase)
Part Number
Description
BB1P100M3
Single-phase 1000Vdc busbar, 100A, 3 pins, assembled endcap
BB1P100M6
Single-phase 1000Vdc busbar, 100A, 6 pins, assembled endcap
BB1P100M9
Single-phase 1000Vdc busbar, 100A, 9 pins, assembled endcap
BB1P100M12
Single-phase 1000Vdc busbar, 100A, 12 pins, assembled endcap
BB1P100M15
Single-phase 1000Vdc busbar, 100A, 15 pins, assembled endcap
BB1P100M57
Single-phase 1000Vdc cuttable busbar, 100A, 57 pins, without endcap
BB3P100M6
Three-phase 600V busbar, 100A, 6 pins, assembled endcap
BB3P100M9
Three-phase 600V busbar, 100A, 9 pins, assembled endcap
BB3P100M12
Three-phase 600V busbar, 100A, 12 pins, assembled endcap
BB3P100M15
Three-phase 600V busbar, 100A, 15 pins, assembled endcap
BB3P100M57
Three-phase 600V cuttable busbar, 100A, 57 pins, without endcap
ECAP1P
Single-phase busbar endcap
ECAPMP
Three-phase busbar endcap
PWR35MM
35mm2 feeder terminal for three-phase busbar (115A, 1000Vac/dc)
FSCVR
Spare contact safety protection covers
PWR1PLP
Single-phase low-profile feeder terminal (115A, 1000Vac/dc)
PWR50MM
50mm2 direct feed terminal (1000Vac/dc)
Selection Guide


Similar Part No. - CHCC1DIU

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CHCC EATON-CHCC Datasheet
3Mb / 9P
   CH Modular, IP20 finger-safe DIN-Rail holders for Class CC, supplemental and PV fuses
More results

Similar Description - CHCC1DIU

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CHM1DIU COOPER-CHM1DIU Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industry?셲 Best Ratings
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
   Fuse Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
   Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
   Fuse Holders
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
   Fuse Holders
logo
Sharp Corporation
GP1S562 SHARP-GP1S562 Datasheet
61Kb / 4P
   Compact Photointerrupter with Holders
logo
Eaton All Rights Reserv...
10115 EATON-10115 Datasheet
130Kb / 3P
   Bussmann series 22 x 58 mm Modular fuse holders
logo
List of Unclassifed Man...
441-R347A-GR ETC2-441-R347A-GR Datasheet
76Kb / 2P
   Blade Fuse Holders
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
   In-Line Fuse Holders
logo
Eaton All Rights Reserv...
HKP EATON-HKP Datasheet
184Kb / 2P
   Panel-mount fuse holders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com