Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5PS5182GFRS5C Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # H5PS5182GFRS5C
Description  512Mb DDR2 SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5182GFRS5C Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button H5PS5182GFRS5C Datasheet HTML 3Page - Hynix Semiconductor H5PS5182GFRS5C Datasheet HTML 4Page - Hynix Semiconductor H5PS5182GFRS5C Datasheet HTML 5Page - Hynix Semiconductor H5PS5182GFRS5C Datasheet HTML 6Page - Hynix Semiconductor H5PS5182GFRS5C Datasheet HTML 7Page - Hynix Semiconductor H5PS5182GFRS5C Datasheet HTML 8Page - Hynix Semiconductor H5PS5182GFRS5C Datasheet HTML 9Page - Hynix Semiconductor H5PS5182GFRS5C Datasheet HTML 10Page - Hynix Semiconductor H5PS5182GFRS5C Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Rev.1.7 / Feb. 2013
7
H5PS5162GFR series
1.2 Pin Configuration & Address Table
64Mx8 DDR2 PIN CONFIGURATION(Top view: see balls through package)
3
VSS
DM,RDQS
VDDQ
DQ3
A5
A9
NC
2
NU,RDQS
VSSQ
DQ1
VSSQ
A3
A7
A12
1
VDD
DQ6
VDDQ
DQ4
VSS
VDD
A
B
C
D
J
K
L
7
VSSQ
DQS
VDDQ
DQ2
A6
A11
NC
8
DQS
VSSQ
DQ0
VSSQ
A4
A8
A13
9
VDDQ
DQ7
VDDQ
DQ5
VSS
VSS
WE
BA1
A1
VREF
CKE
BA0
A10
VDDL
NC
E
F
G
H
VSSDL
RAS
CAS
A2
CK
CK
CS
A0
VDD
ODT
VDD
ROW AND COLUMN ADDRESS TABLE
ITEMS
64Mx8
# of Bank
4
Bank Address
BA0, BA1
Auto Precharge Flag
A10/AP
Row Address
A0 - A13
Column Address
A0-A9
Page size
1 KB


Similar Part No. - H5PS5182GFRS5C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-16C HYNIX-H5PS5162FFR-16C Datasheet
1Mb / 81P
   512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20C HYNIX-H5PS5162FFR-20C Datasheet
1Mb / 81P
   512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-20L HYNIX-H5PS5162FFR-20L Datasheet
1Mb / 81P
   512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-25C HYNIX-H5PS5162FFR-25C Datasheet
1Mb / 81P
   512Mb(32Mx16) DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
More results

Similar Description - H5PS5182GFRS5C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com