Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0611DPE-00-J3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJF0611DPE-00-J3
Description  Silicon N Channel MOS FET Series Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0611DPE-00-J3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJF0611DPE-00-J3 Datasheet HTML 1Page - Renesas Technology Corp RJF0611DPE-00-J3 Datasheet HTML 2Page - Renesas Technology Corp RJF0611DPE-00-J3 Datasheet HTML 3Page - Renesas Technology Corp RJF0611DPE-00-J3 Datasheet HTML 4Page - Renesas Technology Corp RJF0611DPE-00-J3 Datasheet HTML 5Page - Renesas Technology Corp RJF0611DPE-00-J3 Datasheet HTML 6Page - Renesas Technology Corp RJF0611DPE-00-J3 Datasheet HTML 7Page - Renesas Technology Corp RJF0611DPE-00-J3 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJF0611DPE
Target Specifications
R07DS0717EJ0100 Rev.1.00
Page 5 of 7
Apr 17, 2012
200
180
160
140
120
0
100
2468
10
ID = 0.5 A
3
1
0.3
0.1
0.03
0.01
100
μ
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
θch - c(t) = γs (t) • θch - c
θch - c = 2.5°C/W, Tc = 25°C
Tc = 25°C
D = 1
0.5
0.2
0.1
16
14
12
8
10
4
2
6
0
10
10000
100
1000
VDD = 16 V
24 V
0.05
0.02
0.01
1shot pulse
Gate to Source Voltage
VGS (V)
Shutdown Case Temperature vs.
Gate to Source Voltage
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
Shutdown Time of Load-Short Test
Pw (
μS)


Similar Part No. - RJF0611DPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0611DPE RENESAS-RJF0611DPE_15 Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - RJF0611DPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0610JSP RENESAS-RJF0610JSP_15 Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0610JSP RENESAS-RJF0610JSP Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0611JPD RENESAS-RJF0611JPD_15 Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
logo
Hitachi Semiconductor
HAF2011 HITACHI-HAF2011 Datasheet
34Kb / 6P
   Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
RJF0605DPD RENESAS-RJF0605DPD Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0605JPD RENESAS-RJF0605JPD Datasheet
63Kb / 4P
   Silicon N Channel MOS FET Series Power Switching
RJF0606JPE RENESAS-RJF0606JPE Datasheet
63Kb / 4P
   Silicon N Channel MOS FET Series Power Switching
RJF0610DSP RENESAS-RJF0610DSP_15 Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0605DPD RENESAS-RJF0605DPD_15 Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
logo
Hitachi Semiconductor
HAF2001 HITACHI-HAF2001 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com