Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQB-100NWC-DANL-000-ESA Datasheet(PDF) 4 Page - CUI INC

Part # NQB-100NWC-DANL-000-ESA
Description  FULLY REGULATED ADVANCED BUS CONVERTERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NQB-100NWC-DANL-000-ESA Datasheet(HTML) 4 Page - CUI INC

  NQB-100NWC-DANL-000-ESA Datasheet HTML 1Page - CUI INC NQB-100NWC-DANL-000-ESA Datasheet HTML 2Page - CUI INC NQB-100NWC-DANL-000-ESA Datasheet HTML 3Page - CUI INC NQB-100NWC-DANL-000-ESA Datasheet HTML 4Page - CUI INC NQB-100NWC-DANL-000-ESA Datasheet HTML 5Page - CUI INC NQB-100NWC-DANL-000-ESA Datasheet HTML 6Page - CUI INC NQB-100NWC-DANL-000-ESA Datasheet HTML 7Page - CUI INC NQB-100NWC-DANL-000-ESA Datasheet HTML 8Page - CUI INC NQB-100NWC-DANL-000-ESA Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
cui.com
date 02/20/2013
│ page 4 of 30
CUI Inc
│ SERIES: NQB-N │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS
Absolute Maximum Ratings
parameter
conditions/description
min
typ
max
units
operating temperature (T
P1)
see thermal consideration section
-40
+125
°C
storage temperature (T
S)
-55
+125
°C
input voltage (V
I)
-0.5
+80
+65*
V
isolation voltage (V
iso)
input to output test voltage, see note 1
2250
Vdc
input voltage transient (V
tr)
according to ETSI EN 300 132-2 and Telcordia GR-
1089-CORE
+100
+80*
V
remote control pin voltage (V
RC)
see operating information section
-0.3
18
V
Stress in excess of Absolute Maximum Ratings may cause permanent damage. Absolute Maximum Ratings, sometimes referred to as no destruction limits, are normally tested with one
parameter at a time exceeding the limits of Output data or Electrical Characteristics. If exposed to stress above these limits, function and performance may degrade in an unspecified
manner.
Note
1: Isolation voltage (input/output to base-plate) max 750 Vdc.
* Applies for the narrow input version V
I= 40-60 V
Fundamental Circuit Diagram
-IN
+IN
+OUT
-OUT
Driver
Control
RC isolation
Auxillary
Supply
RC
Functional Description
T
P1, TP3 = -40 to +90ºC, VI = 36 to 75 V.
Typical values given at: T
P1, TP3 = +25°C, VI= 53 V, max IO , unless otherwise specified under Conditions
Configuration File: 190 10-CDA 102 0314/001
parameter
conditions/description
min
typ
max
units
fault protection
characteristics
input under voltage lockout
(UVLO)
fault limit
setpoint accuracy
hysteresis
delay
-2
33
2
300
2
V
%
V
μs
output voltage - under voltage
protection
fault limit
fault response time
0
200
V
μs
output voltage - over voltage
protection
fault limit
fault response time
15.6
200
V
μs
over current protection (OCP)
setpoint accuracy (I
O)
fault limit
fault response time
-6
41
200
6
%
A
μs
over temperature protection
(OTP)
fault limit
hysteresis
fault response time
125
10
300
ºC
ºC
μs


Similar Part No. - NQB-100NWC-DANL-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-100DMA-DANG-000-ESA CUI-NQB-100DMA-DANG-000-ESA Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100DMA-DANJ-000-ESA CUI-NQB-100DMA-DANJ-000-ESA Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100DMA-DBNJ-000-ESA CUI-NQB-100DMA-DBNJ-000-ESA Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100DMA-DCNJ-000-ESA CUI-NQB-100DMA-DCNJ-000-ESA Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-100DMA-DDNJ-000-ESA CUI-NQB-100DMA-DDNJ-000-ESA Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
More results

Similar Description - NQB-100NWC-DANL-000-ESA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NQB-D CUI-NQB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-D CUI-NEB-D Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264NWA-AN CUI-NEB-264NWA-AN Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-420DWA-AN CUI-NQB-420DWA-AN Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NQB-N CUI-NQB-N Datasheet
1Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-264DWA-AN CUI-NEB-264DWA-AN Datasheet
2Mb / 36P
   FULLY REGULATED ADVANCED BUS CONVERTERS
NEB-N CUI-NEB-N Datasheet
2Mb / 30P
   FULLY REGULATED ADVANCED BUS CONVERTERS
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com