Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

170M3238 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 170M3238
Description  Square Body ??DIN 43 653 1250V/1300V (IEC/U.L.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M3238 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  170M3238 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M3238 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Form No.
Page 1 of 2
BIF Doc #720030
Bussmann®
Square Body – DIN 43 653
1250V/1300V (IEC/U.L.)
50-1400A
Electrical Characteristics
Ordering Information
Curves
-KN/110
Type K
Rated
I2t (A2S)
Visual
Carton
BIF #
Current
Clearing
Clearing
Watts
Indicator
Carton
Weight
Size
RMS-Amps
Pre-arc
at 1000V
at 1250V
Loss
for Micro
Qty.
(kg)
50
135
815
1100
15
170M3238
63
215
1300
1750
20
170M3239
80
420
2500
3350
25
170M3240
100
750
4450
5950
30
170M3241
125
1450
9000
11500
35
170M3242
17056630
1*
160
2600
16000
21000
40
170M3243
2
0.84
200
5150
31000
41000
45
170M3244
250
9200
54500
73000
55
170M3245
315
18500
115000
150000
60
170M3246
350
27000
165000
220000
65
170M3247
400
53000
265000
335000
70
170M3248
160
1900
11500
15500
45
170M4238
200
3800
22500
30000
50
170M4239
250
7750
46000
61500
60
170M4240
315
15000
90000
120000
65
170M4241
350
20000
125000
165000
70
170M4242
1
400
29500
175000
235000
75
170M4243
2
1.26
17056632
450
42000
250000
335000
80
170M4244
500
69500
340000
435000
85
170M4245
550
95000
465000
590000
95
170M4246
†630
130000
660000
100
170M4247
250
6500
38500
51500
65
170M5238
280
9350
55500
74500
70
170M5239
315
13000
77500
105000
75
170M5240
350
16500
97500
135000
80
170M5241
400
23000
140000
180000
85
170M5242
450
34000
205000
270000
90
170M5243
2
500
48000
285000
380000
95
170M5244
2
1.66
17056634
550
62000
370000
495000
100
170M5245
630
115000
575000
730000
110
170M5246
700
160000
795000
1050000
115
170M5247
800
245000
1200000
1550000
120
170M5248
†900
360000
1750000
125
170M5249
†1000
480000
2350000
135
170M5250
315
9500
58000
77500
85
170M6238
350
13500
81500
110000
90
170M6239
400
19500
120000
160000
95
170M6240
450
31000
185000
245000
100
170M6241
500
39000
235000
310000
105
170M6242
550
55000
325000
435000
110
170M6243
630
83500
495000
665000
115
170M6244
3
700
115000
705000
940000
120
170M6245
1
1.27
17056636
‡800
205000
995000
1300000
125
170M6246
‡900
305000
1500000
1900000
130
170M6247
‡1000
450000
2150000
2750000
135
170M6248
‡1100
575000
2800000
3600000
140
170M6249
†1250
810000
3950000
145
170M6250
†1400
1250000
6000000
150
170M6251
Interrupting rating 100kA RMS Symmetrical.
1 kg = 2.2 lbs. 1 lb = 0.45 kg
Watts loss provided at rated current.
Rated voltage (IEC) †1100V ‡1250V (Consult Bussmann for U.L. Recognition/ CSA Component Acceptance status.)
Microswitch indicator ordered separately.
®
7-11-01
SB01191
R


Similar Part No. - 170M3238

ManufacturerPart #DatasheetDescription
Cooper Bussmann, Inc.
Cooper Bussmann, Inc.
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M3209 COOPER-170M3209 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M3210 COOPER-170M3210 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M3211 COOPER-170M3211 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
More results

Similar Description - 170M3238

ManufacturerPart #DatasheetDescription
Cooper Bussmann, Inc.
Cooper Bussmann, Inc.
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3388 COOPER-170M3388 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.)
170M6499 COOPER-170M6499 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.) 50-1400A
List of Unclassifed Manufacturers
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
Cooper Bussmann, Inc.
Cooper Bussmann, Inc.
353907 COOPER-353907 Datasheet
51Kb / 2P
   Square Body ??DIN 43 653
170M3166 COOPER-170M3166 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
170M5247 COOPER-170M5247 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653
170M3066 COOPER-170M3066 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com