Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLR32C3302FPRE623 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RLR32C3302FPRE623
Description  Metal Film Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLR32C3302FPRE623 Datasheet(HTML) 2 Page - Vishay Siliconix

  RLR32C3302FPRE623 Datasheet HTML 1Page - Vishay Siliconix RLR32C3302FPRE623 Datasheet HTML 2Page - Vishay Siliconix RLR32C3302FPRE623 Datasheet HTML 3Page - Vishay Siliconix RLR32C3302FPRE623 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ERL (Military RLR)
www.vishay.com
Vishay Dale
Revision: 19-Nov-12
2
Document Number: 31023
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For additional information on packaging, refer to the Through-Hole Resistor Packaging document (www.vishay.com/doc?31544).
DIMENSIONS in inches (millimeters)
Note
(1) Lead length for product in bulk pack. For product supplied in tape and reel, the actual lead length would be based on the body size, tape
spacing and lead trim.
POWER RATING
Power ratings are based on the following two conditions:
1. ± 2.0 % maximum R in 2000 h load life
2. + 150 °C maximum operating temperature
GLOBAL PART NUMBER INFORMATION
VISHAY DALE
MODEL
AB
C
(Max.)
DE
ERL05
0.150 ± 0.020
(3.81 ± 0.51)
0.066 ± 0.008
(1.68 ± 0.21)
0.187
(4.75)
0.016 ± 0.002
(0.41 ± 0.05)
1.25 ± 0.266
(31.75 ± 6.76)
ERL07
0.250 + 0.031 - 0.046
(6.35 + 0.79 - 1.17)
0.090 ± 0.008
(2.29 ± 0.21)
0.300
(7.62)
0.025 ± 0.002
(0.64 ± 0.05)
1.50 ± 0.125
(38.10 ± 3.18)
ERL20
0.375 ± 0.041
(9.53 ± 1.04)
0.138 ± 0.023
(3.51 ± 0.58)
0.450
(11.43)
0.032 ± 0.002
(0.81 ± 0.05)
1.50 ± 0.125
(38.10 ± 3.18)
ERL32
0.562 ± 0.031
(14.27 ± 0.79)
0.190 ± 0.015
(4.83 ± 0.38)
0.625
(15.87)
0.032 + 0.002 - 0.001
(0.81 + 0.05 - 0.03)
1.50 ± 0.125
(38.10 ± 3.18)
ERL62
0.562 + 0.031 - 0.042
(14.27 + 0.79 - 1.07)
0.230 ± 0.015
(5.84 ± 0.38)
0.650
(16.51)
0.032 + 0.002 - 0.001
(0.81 + 0.05 - 0.03)
1.50 ± 0.125
(38.10 ± 3.18)
RLR07
C
3001
F
R
R36
TOLERANCE
CODE
FAILURE
RATE
RLR05
F = ± 1 %
M = 1.0 %/1000 h
B14 = Tin/lead, bulk
BSL = Tin/lead, bulk,
single lot date code
R36 = Tin/lead, T/R (full, except 32’s)
R64 = Tin/lead, T/R (full; 32’s only)
RE6 = Tin/lead, T/R (1000 pieces)
RSL = Tin/lead, T/R,
single lot date code
RLR07
G = ± 2 %
P = 0.1 %/1000 h
RLR20
by a multiplier
Use “R” for
values < 100
Ω
R = 0.01 %/1000 h
0
0
R
1
= 1.0
S = 0.001%/1000h
3302 = 33 k
Ω
1005 = 10 M
Ω
New Global Part Numbering: RLR07C3001FRR36 (preferred part numbering format)
RL
R
0
7
C
3
0
0
1
F
R
R
3
6
Historical Part Number example: RLR07C3001FR (will continue to be accepted)
MIL STYLE
LEAD MATERIAL
RESISTANCE VALUE
TOLERANCE CODE
FAILURE RATE
PACKAGING
Blank = Standard
(Dash number)
(Up to 3 digits)
From 1 to 999 as applicable
1 = Hot solder dip (32’s)
11 = Hot solder dip (20’s)
19 = Hot solder dip (05’s)
23 = Hot solder dip (07’s)
= Solderable/
C
RESISTANCE
VALUE
figure, followed
MIL STYLE
LEAD MATERIAL
PACKAGING
SPECIAL
RLR32
weldable
3 digit significant
A
D
B
E (1)
C
(Max.)
MATERIAL SPECIFICATIONS
Element
Vacuum-deposited nickel-chrome alloy
Core
Fire-cleaned high purity ceramic
Encapsulation
Specially formulated epoxy compound
Termination
Standard lead material is solder-coated
copper Solderable and weldable per
MIL-STD-1276, Type C.
APPLICABLE MIL-SPECIFICATIONS
MIL-PRF-39017:
The ERL series meets the electrical, environmental and
dimensional requirements of MIL-PRF-39017.
MIL-PRF-22684:
MIL-PRF-39017 supercedes MIL-PRF-22684 on new designs. The
ERL series meet or exceed MIL-PRF-22684 requirements.
Documentation:
Qualification and failure rate verfication test data is maintained by
Vishay Dale and is available upon request. Lot traceability and
identification data is maintained by Vishay Dale for five years.
CAGE CODE: 91637


Similar Part No. - RLR32C3302FPRE623

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
RLR TTELEC-RLR Datasheet
254Kb / 3P
   4.3 ohms to 3.01M ohms
logo
Vishay Siliconix
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR05C4753FRB14 VISHAY-RLR05C4753FRB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability,MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
logo
List of Unclassifed Man...
RLR05C5101GS ETC2-RLR05C5101GS Datasheet
154Kb / 3P
   Established Reliability Mil-Qualified MEtal Glaze Resistor
RLR07C1000GS ETC2-RLR07C1000GS Datasheet
211Kb / 3P
   Established Reliability Mil-QualifiedMetal Glaze Resistor
More results

Similar Description - RLR32C3302FPRE623

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
   Metal Film Resistors
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
   Metal Film Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com