Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5302DI Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KSC5302DI
Description  High Voltage & High Speed Power Switch Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5302DI Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KSC5302DI Datasheet HTML 1Page - Fairchild Semiconductor KSC5302DI Datasheet HTML 2Page - Fairchild Semiconductor KSC5302DI Datasheet HTML 3Page - Fairchild Semiconductor KSC5302DI Datasheet HTML 4Page - Fairchild Semiconductor KSC5302DI Datasheet HTML 5Page - Fairchild Semiconductor KSC5302DI Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, December 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. DC current Gain
Figure 4. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 5. Collector-Emitter Saturation Voltage
Figure 6. Base-Emitter Saturation Voltage
0
123
456
789
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
B = 100mA
I
B = 120mA
I
B = 80mA
I
B = 180mA
I
B
= 160mA
I
B = 140mA
I
B
= 200mA
I
B = 60mA
I
B
= 40mA
I
B
= 0
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
1
10
100
-25
o
C
25
o
C
T
a = 125
o
C
V
CE = 5V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
1
10
100
-20
o
C
25
o
C
T
a = 125
o
C
V
CE = 1V
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 10 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
-20
o
C
25
o
C
T
a = 125
o
C
I
C = 5IB
I
C[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.1
1
10
-20
o
C
25
o
C
T
a = 125
o
C
I
C
= 5I
B
I
C[A], COLLECTOR CURRENT


Similar Part No. - KSC5302DI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5302D FAIRCHILD-KSC5302D Datasheet
101Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302DM FAIRCHILD-KSC5302DM Datasheet
100Kb / 6P
   High Voltage & High Speed Power Switch Application
KSC5302DTU FAIRCHILD-KSC5302DTU Datasheet
101Kb / 6P
   High Voltage High Speed Power Switch Application
More results

Similar Description - KSC5302DI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5305D FAIRCHILD-KSC5305D Datasheet
102Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5402D FAIRCHILD-KSC5402D Datasheet
155Kb / 10P
   High Voltage High Speed Power Switch Application
FJE5304D FAIRCHILD-FJE5304D Datasheet
89Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302DM FAIRCHILD-KSC5302DM Datasheet
100Kb / 6P
   High Voltage & High Speed Power Switch Application
KSC5504D FAIRCHILD-KSC5504D Datasheet
104Kb / 10P
   High Voltage High Speed Power Switch Application
KSC5302D FAIRCHILD-KSC5302D Datasheet
101Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5603D FAIRCHILD-KSC5603D Datasheet
84Kb / 5P
   High Voltage High Speed Power Switch Application
FJP5304D FAIRCHILD-FJP5304D Datasheet
79Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5039F FAIRCHILD-KSC5039F Datasheet
58Kb / 5P
   High Voltage Power Switch Switching Application
KSC5338D FAIRCHILD-KSC5338D Datasheet
95Kb / 8P
   High Voltage Power Switch Switching Application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com