Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLR20C1R00FMRE623 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RLR20C1R00FMRE623
Description  Metal Film Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLR20C1R00FMRE623 Datasheet(HTML) 3 Page - Vishay Siliconix

  RLR20C1R00FMRE623 Datasheet HTML 1Page - Vishay Siliconix RLR20C1R00FMRE623 Datasheet HTML 2Page - Vishay Siliconix RLR20C1R00FMRE623 Datasheet HTML 3Page - Vishay Siliconix RLR20C1R00FMRE623 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ERL (Military RLR)
www.vishay.com
Vishay Dale
Revision: 19-Nov-12
3
Document Number: 31023
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING (per MIL-PRF-39017)
Tolerance: F = 1 %, G = 2 %
Value = Three significant figures and multiplier
J = JAN (Joint Army - Navy) brand
RLR05: (3 lines)
RLR07: (4 lines)
210A
3-digit date code and lot code
214AJ
3-digit date code, lot code and JAN
1002
Value
RLR7C
Style (“0” omitted) and lead material
FSJD
Tolerance, failure rate, JAN and manufacturer’s code
1300G
Value and tolerance
RD
Failure rate and manufacturer’s code
RLR20, RLR32: (4 lines)
91637
CAGE code
RLR20C
Style and lead material
4993FR
Value, tolerance and failure rate
1225AJ
4-digit date code, lot code and JAN
AMBIENT TEMPERATURE IN °C
DERATING
70
0
20
40
60
80
100
120
- 65 - 50 - 25
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
APPLIED POWER IN W
0
0.125
0.25
0.375
0.5
0.625
0.75 0.875
1
1.125
THERMAL RESISTANCE
ERL32
ERL20
ERL07
ERL05


Similar Part No. - RLR20C1R00FMRE623

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RLR20C1000GRB14 VISHAY-RLR20C1000GRB14 Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results

Similar Description - RLR20C1R00FMRE623

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
   Metal Film Resistors
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
   Metal Film Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com