Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWR71S49R9DPS73 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RWR71S49R9DPS73
Description  Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWR71S49R9DPS73 Datasheet(HTML) 2 Page - Vishay Siliconix

  RWR71S49R9DPS73 Datasheet HTML 1Page - Vishay Siliconix RWR71S49R9DPS73 Datasheet HTML 2Page - Vishay Siliconix RWR71S49R9DPS73 Datasheet HTML 3Page - Vishay Siliconix RWR71S49R9DPS73 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RWR Military
www.vishay.com
Vishay Dale
Revision: 30-Mar-12
2
Document Number: 30203
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
Note
(1) On some standard reel pack methods, the leads may be trimmed to a shorter length than shown.
MILITARY MODEL
DIMENSIONS in inches [millimeters]
AB
C
RWR81
0.250 ± 0.031 [6.35 ± 0.787]
0.085 ± 0.020 [2.16 ± 0.508]
0.020 ± 0.0015 [0.508 ± 0.038]
RWR82
0.312 ± 0.016 [7.92 ± 0.406]
0.078 + 0.016 - 0.031 [1.98 + 0.406 - 0.787]
0.020 ± 0.0015 [0.508 ± 0.038]
RWR80
0.406 ± 0.031 [10.31 ± 0.787]
0.094 ± 0.031 [2.39 ± 0.787]
0.020 ± 0.0015 [0.508 ± 0.038]
RWR71
0.812 ± 0.062 [20.62 ± 1.58]
0.187 ± 0.031 [4.75 ± 0.787]
0.032 ± 0.002 [0.813 ± 0.051]
RWR89
0.560 ± 0.062 [14.22 ± 1.58]
0.187 ± 0.031 [4.75 ± 0.787]
0.032 ± 0.002 [0.813 ± 0.051]
RWR74
0.875 ± 0.062 [22.23 ± 1.58]
0.312 ± 0.031 [7.92 ± 0.787]
0.040 ± 0.002 [1.02 ± 0.051]
RWR84
0.875 ± 0.062 [22.23 ± 1.58]
0.312 ± 0.031 [7.92 ± 0.787]
0.040 ± 0.002 [1.02 ± 0.051]
RWR78
1.780 ± 0.062 [45.21 ± 1.58]
0.375 ± 0.031 [9.525 ± 0.787]
0.040 ± 0.002 [1.02 ± 0.051]
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RWR RESISTOR CHARACTERISTICS
Dielectric Withstanding Voltage
VAC
500 minimum for 2 W and smaller, 1000 minimum for 3 W and larger
Short Time Overload
-
5 x rated power for 5 s for 3 W size and smaller,
10 x rated power for 5 s for 5 W size and greater
Maximum Working Voltage
V
(P x R)1/2
Insulation Resistance
.
1000 M
 minimum dry, 100 M minimum after moisture test
Terminal Strength
lb
5 minimum for 2 W and smaller, 10 minimum for 3 W and larger
Solderability
-
Meets requirements of ANSI J-STD-002
Operating Temperature Range
°C
- 55 to + 250
RESISTANCE TEMPERATURE COEFFICIENT
TEMPERATURE
COEFFICIENT
(ppm/°C)
RWR71
RWR74
RWR78
RWR80
RWR81
RWR82
RWR84
RWR89
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
± 650
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
± 400
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
± 50
1.01 to 10
1.01 to 10
1.01 to 10
1.01 to 10
1.01 to 10
1.01 to 10
1.01 to 10
1.01 to 10
± 30
10.1 to 73.2
10.1 to 158
10.1 to 453
-
-
-
10.1 to 158
10.1 to 42.2
± 20
74.1
and above
160
and above
459
and above
10.1
and above
10.1
and above
10.1
and above
160
and above
42.7
and above
B
1.50 [38.10]
(1)
min.
A
C


Similar Part No. - RWR71S49R9DPS73

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWR71S49R9DPS73 VISHAY-RWR71S49R9DPS73 Datasheet
184Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, Up to S Level, Axial Lead
01-Jan-2022
More results

Similar Description - RWR71S49R9DPS73

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
   Precision Wirewound Resistors
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
   Fusible Wirewound Resistors
logo
Vishay Siliconix
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
logo
Riedon Powertron
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com