Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKF1043 Datasheet(PDF) 2 Page - General Semiconductor

Part # DKF1043
Description  NTC Diode Thermometrics Thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

DKF1043 Datasheet(HTML) 2 Page - General Semiconductor

  DKF1043 Datasheet HTML 1Page - General Semiconductor DKF1043 Datasheet HTML 2Page - General Semiconductor DKF1043 Datasheet HTML 3Page - General Semiconductor DKF1043 Datasheet HTML 4Page - General Semiconductor DKF1043 Datasheet HTML 5Page - General Semiconductor DKF1043 Datasheet HTML 6Page - General Semiconductor DKF1043 Datasheet HTML 7Page - General Semiconductor DKF1043 Datasheet HTML 8Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Type DK Specifications
Chip thermistor in DO-35 glass package
Options
• Other resistance values within the ranges shown;
e.g. code DKA302*2 for 3000 Ω ±2% at 77°F (25°C)
• Reference temperatures in the range 0°F to 302°F
(-18°C to 150°C)
• Operation to 572°F (300°C) (no solder coating on wires)
• Wire lengths 0.16 in to 1.26 in (4 mm to 32 mm)
±0.04 in (±1 mm) for DK-N; up to 1.02 in (26 mm) for
DK-H
Coding
Replace * in the codes shown below as follows:
• Axial, loose-packed: N
• Axial, bandoliered: B
• Radial, loose-packed: H
• Surface mount, loose-packed: M
R25 W
Material
system
B 25/85 K
Code
R25 ±2%
Code
R25 ±3%
Code
R25 ±5%
Code
R25 ±10%
2000
2
3540 ±1%
DKA202*2
DKA202*3
DKA202*5
DKA202*10
5000
2
3540 ±1%
DKA502*2
DKA502*3
DKA502*5
DKA502*10
10,000
2
3540 ±1%
DKA103*2
DKA103*3
DKA103*5
DKA103*10
10,000
5A
3730 ±2%
DKC103*3
DKC103*5
DKC103*10
12,000
5A
3730 ±2%
DKC123*2
DKC123*3
DKC123*5
DKC123*10
10,000
3
3960 ±1%
DKF103*2
DKF103*3
DKF103*5
DKF103*10
20,000
3
3960 ±1%
DKF203*2
DKF203*3
DKF203*5
DKF203*10
30,000
3
3960 ±1%
DKF303*2
DKF303*3
DKF303*5
DKF303*10
50,000
3
3960 ±1%
DKF503*2
DKF503*3
DKF503*5
DKF503*10
100,000
3
3960 ±1%
DKF104*2
DKF104*3
DKF104*5
DKF104*10
200,000
G
4263 ±2%
DKG204*5
DKG204*10
500,000
D
4573 ±2%
DKD504*5
DKD504*10
1,000,000
D
4573 ±2%
DKD105*5
DKD105*10
Data
• Operating temperature: -40°F to 482°F (-40°C to
250°C)
• Thermal time constant: 7 seconds (cooling in air)
• Dissipation factor: 3.0 mW/K
• Mass: 0.2 g
• Packing/MOQ: 1000/box (loose),
5000/reel (bandoliered)
NTC Type DK wires should not be bent within 0.08
in (2 mm) of glass body
0.1 in (2.8 mm)
nominal
DK-N
0.08 in (2 mm)
maximum
0.02 in (0.5 mm)
nominal
0.08 in (2 mm)
nominal
0.16 in (4 mm)
maximum
1.06 in (27 mm)
minimum
0.2 in (4.2 mm)
maximum
Inside radius
0.05 in (1.2 mm)
nominal
0.8 in (19.5 mm) ±1
Ø 0.02 in (0.5 mm)
DK-H
See separate tables for resistance-temperature data..
Consult factory for additional tolerance requirements.


Similar Part No. - DKF1043

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
DKF104*10 AMPHENOL-DKF104*10 Datasheet
95Kb / 8P
   Thermometrics
DKF104*2 AMPHENOL-DKF104*2 Datasheet
95Kb / 8P
   Thermometrics
DKF104*3 AMPHENOL-DKF104*3 Datasheet
95Kb / 8P
   Thermometrics
DKF104*5 AMPHENOL-DKF104*5 Datasheet
95Kb / 8P
   Thermometrics
DKF104M10 AMPHENOL-DKF104M10 Datasheet
95Kb / 8P
   Thermometrics
More results

Similar Description - DKF1043

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
03006-111.3K-123-G100 GE-03006-111.3K-123-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-5818-97-G100 GE-03006-5818-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-29.1K-97-G100 GE-03006-29.1K-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-11.7K-98-G100 GE-03006-11.7K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-269.8K-138-G100 GE-03006-269.8K-138-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-535K-145-G100 GE-03006-535K-145-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
List of Unclassifed Man...
DKF104N5 ETC2-DKF104N5 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
General Semiconductor
03006-17.53K-98-G100 GE-03006-17.53K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
Amphenol Corporation
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
   Thermometrics Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com