Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX015C Datasheet(PDF) 5 Page - General Semiconductor

Part # LX015C
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LX015C Datasheet(HTML) 5 Page - General Semiconductor

  LX015C Datasheet HTML 1Page - General Semiconductor LX015C Datasheet HTML 2Page - General Semiconductor LX015C Datasheet HTML 3Page - General Semiconductor LX015C Datasheet HTML 4Page - General Semiconductor LX015C Datasheet HTML 5Page - General Semiconductor LX015C Datasheet HTML 6Page - General Semiconductor LX015C Datasheet HTML 7Page - General Semiconductor LX015C Datasheet HTML 8Page - General Semiconductor LX015C Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Lineage Power
5
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Efficiency
(VI = VI, nom; IO = IO, max; TA = 25 °C;
see Figures 15—28, 35, and 37.)
LC015D
LC015F
LC015A
LC015B, C
LC010D, G*
LC010F
LC010A, B, C
LC010AJ, BK, CL
LW015D
LW015F
LW015A
LW015B, C
LW010D, G*
LW010F
LW010A, B, C
LW010AJ, BK, CL
η
η
η
η
η
η
η
η
η
η
η
η
η
η
η
η
64
74
77
73
65
71
75
75
66
76
79
75
67
73
77
77
67
77
80
76
68
75
79
78
69
79
82
78
70
76
81
80
%
%
%
%
%
%
%
%
%
%
%
%
%
%
%
%
Efficiency
(VI = VI, nom; IO = 2 A; TA = 25 °C;
see Figures 15, 18, 22, and 25.)
LC015F
LC015A
LW015F
LW015A
η
η
η
η
79
82
82
84
%
%
%
%
Switching Frequency
All
265
kHz
Dynamic Response
(for duals: IO1 or IO2 = IO, max;
ΔIO/Δt = 1A/10 µs; VI = VI, nom;
TA = 25 °C; see Figures 29 and 30.):
Load Change from IO = 50% to 75%
of IO, max:
Peak Deviation
Settling Time
(VO < 10% of peak deviation)
Load Change from IO = 50% to 25%
of IO, max:
Peak Deviation
Settling Time
(VO < 10% of peak deviation)
All
All
All
All
2
0.8
2
0.8
%VO, set
ms
%VO, set
ms
* For a 2.5 V output, use the 2 V output module (D code) with an output voltage trim pin (optional feature).
Table 3. Isolation Specifications
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
600
pF
Isolation Resistance
10
M
Ω
Table 2. Output Specifications (continued)
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Electrical Specifications (continued)


Similar Part No. - LX015C

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
LX01M DGNJDZ-LX01M Datasheet
825Kb / 2P
   Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
logo
ASEMI TECHNOLOGY., LTD
LX01M ASEMI-LX01M Datasheet
324Kb / 3P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - LX015C

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com