Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LW020 Datasheet(PDF) 3 Page - General Semiconductor

Part # LW020
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020 Datasheet(HTML) 3 Page - General Semiconductor

  LW020 Datasheet HTML 1Page - General Semiconductor LW020 Datasheet HTML 2Page - General Semiconductor LW020 Datasheet HTML 3Page - General Semiconductor LW020 Datasheet HTML 4Page - General Semiconductor LW020 Datasheet HTML 5Page - General Semiconductor LW020 Datasheet HTML 6Page - General Semiconductor LW020 Datasheet HTML 7Page - General Semiconductor LW020 Datasheet HTML 8Page - General Semiconductor LW020 Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Lineage Power
3
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 48 V; IO = IO, max; TC = 25 °C)
LW020G
LW020F
LW020A
LW020B
LW020C
VO, set
VO, set
VO, set
VO, set
VO, set
2.46
3.25
4.92
11.81
14.76
2.5
3.3
5.0
12.0
15.0
2.54
3.35
5.08
12.19
15.24
Vdc
Vdc
Vdc
Vdc
Vdc
Output Voltage
(Over all line, load, and temperature
conditions until end of life; see Figure 13.)
LW020G
LW020F
LW020A
LW020B
LW020C
VO
VO
VO
VO
VO
2.4
3.20
4.85
11.64
14.55
2.6
3.40
5.15
12.36
15.45
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation:
Line (VI = 36 V to 75 V)
Load (IO = IO, min to IO, max)
Temperature (TC = –40 °C to +100 °C)
All
All
All
0.01
0.05
0.5
0.1
0.2
1.0
%VO
%VO
%VO
Output Ripple and Noise Voltage
(See Figure 12.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
LW020A, F,
G
LW020B, C
LW020A, F,
G
LW020B, C
20
50
20
50
100
150
mVrms
mVrms
mVp-p
mVp-p
Output Current
(At IO < IO, min, the modules may exceed
output ripple specifications.)
LW020A, F,
G
LW020B
LW020C
IO
IO
IO
0.4
0.17
0.13
4.0
1.67
1.33
A
A
A
Output Current-limit Inception
(VO = 90% x VO, set; see Figure 2.)
All
IO
103
150
%IO, max
Output Short-circuit Current
(VO = 250 mV)
LW020C
LW020B
LW020A, F,
G
IO
IO
IO
150
150
150
250
220
200
%IO, max
%IO, max
%IO, max
Efficiency
(VI, nom; IO = IO, max; TC = 25 °C; see Figures
3—7 and 13.)
LW020G
LW020F
LW020A
LW020B
LW020C
η
η
η
η
η
71
74
77
82
82
75
77
81
85
85
%
%
%
%
%
Switching Frequency
All
256
kHz
Dynamic Response
(ýIO/ýt = 1 A/10 µs, VI = VI, nom, TA = 25 °C):
Load Change from IO = 50% to 75% of
IO, max:
Peak Deviation
Settling Time (VO < 10% peak
deviation)
Load Change from IO = 50% to 25% of
IO, max:
Peak Deviation
Settling Time (VO < 10% peak
deviation)
All
All
All
All
2
1.0
2
1.0
%VO, set
ms
%VO, set
ms


Similar Part No. - LW020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
LW025A MACOM-LW025A Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
LW025F MACOM-LW025F Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
More results

Similar Description - LW020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
CW025ABK-M GE-CW025ABK-M Datasheet
799Kb / 20P
   CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
logo
List of Unclassifed Man...
MC010 ETC1-MC010 Datasheet
938Kb / 12P
   MC010-Series Power Modules 18 Vdc to 36 Vdc Inputs 10W
logo
Tyco Electronics
SMLW010 MACOM-SMLW010 Datasheet
222Kb / 16P
   SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com