Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LW020G Datasheet(PDF) 6 Page - General Semiconductor

Part # LW020G
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020G Datasheet(HTML) 6 Page - General Semiconductor

Back Button LW020G Datasheet HTML 2Page - General Semiconductor LW020G Datasheet HTML 3Page - General Semiconductor LW020G Datasheet HTML 4Page - General Semiconductor LW020G Datasheet HTML 5Page - General Semiconductor LW020G Datasheet HTML 6Page - General Semiconductor LW020G Datasheet HTML 7Page - General Semiconductor LW020G Datasheet HTML 8Page - General Semiconductor LW020G Datasheet HTML 9Page - General Semiconductor LW020G Datasheet HTML 10Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
66
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Characteristics Curves
8-1481(C).a
Figure 1. LW020 Typical Input Characteristics,
TA =25°C
8-1258(C).a
Figure 2. LW020A, B, C, F, and G Typical Output
Characteristics, TA =25°C
8-1483(C).a
Figure 3. LW020G Typical Converter Efficiency vs.
Output Current, TA =25°C
8-1483(C)
Figure 4. LW020F Typical Converter Efficiency vs.
Output Current, TA =25°C
10
20
30
40
50
60
0.0
0.8
INPUT VOLTAGE, V I (V)
0.6
0.5
0.4
0.7
1.0
70
80
0
0.9
0.3
0.2
0.1
PO = 20 W
PO = 10 W
PO = 2 W
0
100%
VO, nom
80%
VO, nom
40%
VO, nom
20%
VO, nom
60%
VO, nom
NORMALIZED OUTPUT CURRENT, IO (A)
VI = 75
VI = 54
VI = 36
50%
IO, max
100%
IO, max
150%
IO, max
0
1.4
1.9
2.4
2.9
3.4
60
OUTPUT CURRENT, IO (A)
74
76
3.9
0.4
72
62
70
64
VI = 36 V
VI = 48 V
VI = 75 V
68
66
0.9
0.5
1.0
1.5
2.0
2.5
3.0
70
OUTPUT CURRENT, IO (A)
79
78
77
80
3.5
4.0
0.0
76
75
74
VI = 75
VI = 54
VI = 36
73
72
71


Similar Part No. - LW020G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
LW025A MACOM-LW025A Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
LW025F MACOM-LW025F Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
More results

Similar Description - LW020G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
CW025ABK-M GE-CW025ABK-M Datasheet
799Kb / 20P
   CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
logo
List of Unclassifed Man...
MC010 ETC1-MC010 Datasheet
938Kb / 12P
   MC010-Series Power Modules 18 Vdc to 36 Vdc Inputs 10W
logo
Tyco Electronics
SMLW010 MACOM-SMLW010 Datasheet
222Kb / 16P
   SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com